Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0154005. Datasheet(PDF) 2 Page - Littelfuse

Part # 0154005.
Description  Surface Mount Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0154005. Datasheet(HTML) 2 Page - Littelfuse

  0154005. Datasheet HTML 1Page - Littelfuse 0154005. Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
80
Revision: May 27, 2008
Surface Mount Fuses
©2008 Littelfuse, Inc.
154 Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/154.html for current information.
NANO2® > 154 Series OMNI-BLOK® Fuse and Holder Combination
LF
7 A
3.81
(.150")
2.13
(.084")
REF.
10.62
(.418")
4.24
(.167")
9.73
(.383") REF.
3.81
(.150")
5.03
(.198")
FUSE
Recommended Pad Layout
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Reel Pack
EIA RS-481-2 (IEC 286, part 3)
1500
DR
Reflow Condition
Sn-Pb Eutectic
Assembly
Pre Heat
-Temperature Min (T
s(min))
100°C
-Temperature Max (T
s(max))
150°C
-Time (Min to Max) (T
s)
60 – 120 secs
Average ramp up rate (LiquidusTemp
(T
L) to peak
3°C/second max
Reflow
-Temperature (T
L) (Liquidus)
183°C
-Time (t
L)
60 – 90 seconds
PeakTemperature (T
P)
225+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
10 – 30 seconds
Ramp-down Rate
6°C/second Max
Time 25°C to peakTemperature (T
P)
6 minutes Max.
Do not exceed
230°C
Soldering Parameters
0154 001. D R T
SERIES
AMP Code
QUANTITY Code
PACKAGING Code
Refer to Ordering information
section on previous page.
D = 1500 pcs
R = Tape and Reel
Example:
1.5 amp product is
0443 01.5 D R (5 amp
product shown above).
TYPE Code
T = Time Lag (Slo-Blo®)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com