Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKWI50 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MKWI50
Description  DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKWI50 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MKWI50 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKWI50 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKWI50 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKWI50 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKWI50 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKWI50 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKWI50 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKWI50 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MKWI50 SERIES
DC/DC CONVERTER 50W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/25 P4 Page 3 of 8
®
EMC Specifications
Parameter
Standards & Level
Performance
EMI
EN55022
Class A (See Page 6)
ESD
EN61000-4-2 air ± 8KV , Contact ± 6KV
Perf. Criteria A
Radiated immunity
EN61000-4-3 10V/m
Perf. Criteria A
Fast transient (See Note 7)
EN61000-4-4 ±2KV
Perf. Criteria A
Surge (See Note 7)
EN61000-4-5 ±1KV
Perf. Criteria A
Conducted immunity
EN61000-4-6 10V/m
Perf. Criteria A
Power Derating Curve
MKWI50-24S033,MKWI50-48S033 Derating Curve without Heatsink
MKWI50-24S033,MKWI50-48S033 Derating Curve with Heatsink
MKWI50-24S12,MKWI50-24S15, MKWI50-48S12, MKWI50-48S15
Derating Curve without Heatsink
MKWI50-24S12,MKWI50-24S15, MKWI50-48S12, MKWI50-48S15
Derating Curve with Heatsink
MKWI50-24S05, MKWI50-24S24, MKWI50-48S05, MKWI50-48S24
Derating Curve without Heatsink
MKWI50-24S05, MKWI50-24S24, MKWI50-48S05, MKWI50-48S24
Derating Curve with Heatsink



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com