Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJWI20 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MJWI20
Description  DC/DC CONVERTER 20W, Highest Power Density
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI20 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MJWI20 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJWI20 Datasheet HTML 9Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MJWI20 SERIES
DC/DC CONVERTER 20W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/07/16 REV:12
Page 3 of 9
®
Environmental Specifications
Max.
Parameter
Model
Min.
without Heatsink
with Heatsink
Unit
MJWI20-48S033
+68
+74
MJWI20-24S033
+64
+71
MJWI20-XXS05, MJWI20-XXS12
MJWI20-XXS15, MJWI20-XXD12
MJWI20-XXD15
+60
+67
Operating Temperature Range
(see Power Derating Curves)
MJWI20-XXS24
-40
+55
+63
℃
50LFM Convection without Heatsink
18.2
---
℃/W
50LFM Convection with Heatsink
15.3
---
℃/W
100LFM Convection without Heatsink
13.9
---
℃/W
100LFM Convection with Heatsink
8.8
---
℃/W
200LFM Convection without Heatsink
12.1
---
℃/W
200LFM Convection with Heatsink
6.8
---
℃/W
400LFM Convection without Heatsink
9.1
---
℃/W
Thermal Impedance
400LFM Convection with Heatsink
4.6
---
℃/W
Case Temperature
---
+105
℃
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
RFI
Six-Sided Shielded, Metal Case
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com