Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSIW1021 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSIW1021
Description  DC/DC CONVERTER 3W, SMD Package with Industry Standard Pinout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSIW1021 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSIW1021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSIW1021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSIW1021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSIW1021 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSIW1000 SERIES
DC/DC CONVERTER 3W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/01/10 REV:4
Page 1 of 4
FEATURES
►SMD Package with Industry Standard Pinout
►Package Dimension:
32.3 x 14.8 x 10.2 mm (1.27”x 0.58”x 0.38” inches)
►Wide 2:1 Input Range
►Efficiency up to 83%
►I/O-isolation 1500VDC
►Operating Temp. Range -40°C to +85°C
►Qualified for lead-free Reflow Solder Process according
IPC/JEDEC J-STD-020D
►3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MSIW1000 series is a range of isolated 3W DC/DC converter modules featuring fully regulated output voltages and wide 2:1 input voltage
ranges.
These products are in a low profile SMD package with dimensions of 32.3 x 14.8 x 10.2 mm. All models are qualified for lead free reflow solder processes
according IPC J-STD-20D.An excellent efficiency allows an operating temperature range of–40° to +85°C (with derating).
Typical applications for these converters are battery operated equipment and instrumentation, communication and general industrial electronics.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
MSIW1021
3.3
700
70
257
75
MSIW1022
5
600
60
316
79
MSIW1023
12
250
25
305
82
MSIW1024
15
200
20
305
4700
82
MSIW1025
±5
±300
±30
321
78
MSIW1026
±12
±125
±12.5
309
81
MSIW1027
12
(9 ~ 18)
±15
±100
±10
309
20
25
180#
81
MSIW1031
3.3
700
70
127
76
MSIW1032
5
600
60
156
80
MSIW1033
12
250
25
151
83
MSIW1034
15
200
20
151
4700
83
MSIW1035
±5
±300
±30
158
79
MSIW1036
±12
±125
±12.5
152
82
MSIW1037
24
(18 ~ 36)
±15
±100
±10
152
5
15
180#
82
MSIW1041
3.3
700
70
63
76
MSIW1042
5
600
60
78
80
MSIW1043
12
250
25
75
83
MSIW1044
15
200
20
75
4700
83
MSIW1045
±5
±300
±30
79
79
MSIW1046
±12
±125
±12.5
76
82
MSIW1047
48
(36 ~ 75)
±15
±100
±10
76
3
10
180#
82
# For each output


Similar Part No. - MSIW1021

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSIW1021 MINMAX-MSIW1021 Datasheet
231Kb / 8P
3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
MSIW1021 MINMAX-MSIW1021 Datasheet
412Kb / 5P
DC/DC CONVERTER 3W, SMD-Package
logo
Total Power Internation...
MSIW1021 TOTAL-POWER-MSIW1021 Datasheet
420Kb / 4P
SMD Package with Industry Standard Pinout
More results

Similar Description - MSIW1021

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MSKW2000 MINMAX-MSKW2000_12 Datasheet
284Kb / 5P
DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
logo
MIC GROUP RECTIFIERS
MSLU100 MIC-MSLU100_11 Datasheet
277Kb / 5P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_11 Datasheet
271Kb / 4P
DC/DC CONVERTER 1W, High Isolation, SMD Package with Industry Standard Pinout
MSLU400 MINMAX-MSLU400_11 Datasheet
268Kb / 4P
DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
MSAU100 MINMAX-MSAU100_11 Datasheet
265Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU200 MINMAX-MSAU200_11 Datasheet
268Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU300 MINMAX-MSAU300_11 Datasheet
266Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU400 MINMAX-MSAU400_11 Datasheet
272Kb / 4P
DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com