Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3368LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3368LF
Description  CABLE ASSEMBLY RG62A/U BNC MALE TO BNC FEMALE(LEAD FREE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3368LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3368LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BNC MALE
RG62A/U
BNC FEMALE
PE3368LF-XX
CABLE ASSEMBLY, RG62A/U, BNC MALE TO
BNC FEMALE (LEAD FREE)
50 OHM
50 OHM
93 OHM
BNC
MALE
BNC
FEMALE
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
021308
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE


Similar Part No. - PE3368LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3368 PASTERNACK-PE3368 Datasheet
270Kb / 1P
Cable Assembly
PE33680 PASTERNACK-PE33680 Datasheet
289Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33680-12 PASTERNACK-PE33680-12 Datasheet
289Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33680-24 PASTERNACK-PE33680-24 Datasheet
289Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33680-36 PASTERNACK-PE33680-36 Datasheet
289Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
More results

Similar Description - PE3368LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3047LF PASTERNACK-PE3047LF Datasheet
151Kb / 1P
CABLE ASSEMBLY RG58C/U BNC MALE TO BNC FEMALE(LEAD FREE)
PE3081 PASTERNACK-PE3081 Datasheet
133Kb / 1P
CABLE ASSEMBLY RG62A/U BNC MALE TO BNC MALE
PE3081LF PASTERNACK-PE3081LF Datasheet
151Kb / 1P
CABLE ASSEMBLY RG62A/U BNC MALE TO BNC MALE(LEAD FREE)
PE3371LF PASTERNACK-PE3371LF Datasheet
231Kb / 1P
CABLE ASSEMBLY RG214/U BNC MALE TO BNC FEMALE(LEAD FREE)
PE3047LF-12 PASTERNACK-PE3047LF-12 Datasheet
151Kb / 1P
cable assembly, rg58c/u, bnc male to bnc female(lead free)
PE3047LF-24 PASTERNACK-PE3047LF-24 Datasheet
151Kb / 1P
cable assembly, rg58c/u, bnc male to bnc female(lead free)
PE3047LF-36 PASTERNACK-PE3047LF-36 Datasheet
151Kb / 1P
cable assembly, rg58c/u, bnc male to bnc female(lead free)
PE3047LF-48 PASTERNACK-PE3047LF-48 Datasheet
162Kb / 1P
cable assembly, rg58c/u, bnc male to bnc female(lead free)
PE3047LF-60 PASTERNACK-PE3047LF-60 Datasheet
151Kb / 1P
cable assembly, rg58c/u, bnc male to bnc female(lead free)
PE3047LF-72 PASTERNACK-PE3047LF-72 Datasheet
151Kb / 1P
cable assembly, rg58c/u, bnc male to bnc female(lead free)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com