Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-S128K32V Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT-S128K32V
Description  ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S128K32V Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT-S128K32V Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-S128K32V Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S128K32V Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S128K32V Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S128K32V Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S128K32V Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S128K32V Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
eroflex Circuit Technology - Advanced Multichip Modules © SCD3359 REV B 12/17/98
Block Diagram – PGA Type Package(P7) & CQFP(F2)
128Kx8
128Kx8
128Kx8
128Kx8
CE4
OE
A0 – A16
I/O0-7
I/O8-15
I/O16-23
I/O24-31
8
8
8
8
CE3 WE4
WE3
WE2
WE1 CE1
CE2
Pin Description
I/O0-31
Data I/O
A0–16
Address Inputs
WE1–4
Write Enables
CE1–4
Chip Enables
OE
Output Enable
Vcc
Power Supply
GND
Ground
NC
Not Connected
General Description
The ACT–S128K32V is a High
Speed 4 megabit CMOS SRAM
Multichip
Module
(MCM)
designed for full temperature
range,
3.3V
Power
Supply,
military, space, or high reliability
mass memory and fast cache
applications.
The MCM can be organized
as a 128K x 32 bits, 256K x 16
bits or 512k x 8 bits device and
is
input
and
output
TTL
compatible. Writing is executed
when the write enable (WE)
and chip enable (CE) inputs are
low. Reading is accomplished
when WE is high and CE and
output enable (OE) are both
low. Access time grades of
17ns, 20ns, 25ns, 35ns, 45ns
and
55ns
maximum
are
standard.
The products are designed for
operation over the temperature
range of -55°C to +125°C and
screened under the full military
environment.
DESC Standard
Military Drawing (SMD) part
numbers are pending.
The
ACT-S128K32V
is
manufactured
in
Aeroflex’s
80,000ft2
MIL-PRF-38534
certified facility in Plainview,
N.Y.
Features
s
4 Low Power CMOS 128K x 8 SRAMs in one MCM
s
Overall configuration as 128K x 32
s
Input and Output TTL Compatible
s
17, 20, 25, 35, 45 & 55ns Access Times, 15ns Available by
Special Order
s
Full Military (-55°C to +125°C) Temperature Range
s
+3.3V Power Supply
s
Choice of Surface Mount or PGA Type Co-fired Packages:
q
68–Lead, Dual-Cavity CQFP (F2), .88"SQ x .20"max (.18"max thickness
available, contact factory for details) (Drops into the 68 Lead JEDEC .99"SQ
CQFJ footprint)
q
66–Lead, PGA-Type (P7), 1.08"SQ x .160"max
s
Internal Decoupling Capacitors
s
DESC SMD# Pending
CIRCUIT TECHNOLOGY
www.aeroflex.com/act1.htm
ACT-S128K32V High Speed 3.3Volt
4 Megabit SRAM Multichip Module


Similar Part No. - ACT-S128K32V

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-017P2Q AEROFLEX-ACT-S128K32C-017P2Q Datasheet
414Kb / 10P
High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-017P7Q AEROFLEX-ACT-S128K32C-017P7Q Datasheet
414Kb / 10P
High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-020P2Q AEROFLEX-ACT-S128K32C-020P2Q Datasheet
414Kb / 10P
High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-020P7Q AEROFLEX-ACT-S128K32C-020P7Q Datasheet
414Kb / 10P
High Speed 4 Megabit SRAM Multichip Module
More results

Similar Description - ACT-S128K32V

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACTS512K8 AEROFLEX-ACTS512K8 Datasheet
83Kb / 8P
ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com