Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-S512K32V Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT-S512K32V
Description  ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S512K32V Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACT-S512K32V Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-S512K32V Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S512K32V Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S512K32V Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S512K32V Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S512K32V Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S512K32V Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-S512K32V Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Aeroflex Circuit Technology ACT-S512K32V
SCD3360 REV B 12/17/98 Plainview NY (516) 694-6700
6
Pin Numbers & Functions
66 Pins — PGA-Type
Pin #
Function
Pin #
Function
Pin #
Function
Pin #
Function
1
I/O8
18
A12
35
I/O25
52
WE3
2
I/O9
19
Vcc
36
I/O26
53
CE3
3
I/O10
20
CE1
37
A6
54
GND
4
A13
21
NC
38
A7
55
I/O19
5
A14
22
I/O3
39
NC
56
I/O31
6
A15
23
I/O15
40
A8
57
I/O30
7
A16
24
I/O14
41
A9
58
I/O29
8
A17
25
I/O13
42
I/O16
59
I/O28
9
I/O0
26
I/O12
43
I/O17
60
A0
10
I/O1
27
OE
44
I/O18
61
A1
11
I/O2
28
A18
45
VCC
62
A2
12
WE2
29
WE1
46
CE4
63
I/O23
13
CE2
30
I/O7
47
WE4
64
I/O22
14
GND
31
I/O6
48
I/O27
65
I/O21
15
I/O11
32
I/O5
49
A3
66
I/O20
16
A10
33
I/O4
50
A4
17
A11
34
I/O24
51
A5
All dimensions in inches
.145
MIN
1.085 SQ
1.000
.600
TYP
1.000
.100 TYP
Pin 56
Pin 66
Pin 11
Pin 1
Bottom View
MAX
.020
.016
.100
.025
.185
MAX
Side View
.050 DIA
.035
TYP
TYP
TYP
TYP
"P7" — 1.08" SQ PGA Type Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com