Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT15530 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT15530
Description  CMOS Manchester Encoder / Decoder
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT15530 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT15530 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Aeroflex Circuit Technology
SCD15530 REV B 7/28/99 Plainview NY (516) 694-6700
3
Pin Designations
Pin
Input
Output
Enc
Dec
Function
Comment
1


Valid word
A 'high' signals the receipt of a valid word
2


Encoder Shift Clock
Shifts data into the encoder on a 'low' to 'high'
transition
3


Take Data
'high' during data reception after the sync pulse is
identified
4


Serial Data Out
NRZ output of received data
5


Decoder clock
Clock for the transition finder and synchronizer which
generates the clock for the rest of the decoder
6


Bipolar Zero In
Should be 'high' when the bus is in a negative state.
Must be tied 'high' when the unipolar input is used
7


Bipolar One In
Should be 'high' when the bus is in a positive state.
Must be tied 'low' when the unipolar input is used
8


Unipolar Data In
Input for unipolar data to the transition finder. Must be
tied 'low' when not used
9


Decoder Shift Clock
Provides the DECODER CLOCK divided by 12,
synchronized by the recovered serial data
10


Command/Data Sync
This output indicates the type of synchronizing
character received as follows: If a data synchronizing
character was received, this pin is low while the data
is decoded. If a command synchronizing character
was received, this pin is high during data decoding
11


Decoder Reset
A 'high' during a DECODER SHIFT CLOCK rising
edge resets the bit counter
12


VSS
Ground
13



Master Reset
A 'high" clears the counters in both sections
14


÷÷ 6 Out
Provides the ENCODER CLOCK divided by 6
15


Bipolar Zero Out
Provides an active 'low' output to the zero or negative
sense of a bipolar line driver
16


Output Inhibit
A 'low' inhibits the BIPOLAR ZERO OUT and
BIPOLAR ONE OUT by forcing them to inactive, 'high',
states
17


Bipolar One Out
Provides an active 'low' output to the one or positive
sense of a bipolar line driver
18


Serial Data In
Receives serial data at the rate of the ENCODER
SHIFT CLOCK
19


Encoder Enable
A 'high' starts the encode cycle provided that the
previous cycle is complete
20


Sync Select
A 'high' selects the command sync and a 'low' selects
the data sync
21


Send Data
Provides an active 'high' to enable the external serial
data source
22


Send Clock In
Clock input at 2 times the data rate
23


Encoder Clock
Input to the divide by 6 circuit
24


VDD
Positive Supply
Figure 4: Pin Designations (24-Pin Dip/FlatPack)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com