Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT3492 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button ACT3492 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 10Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 11Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 12Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Aeroflex Circuit Technology
SCD3492 REV B 6/26/01 Plainview NY (516) 694-6700
9
Terminal Flag Bit
This bit is reset to logic zero by a power up initialization or the servicing of a legal mode command to
reset the remote terminal (code 01000). This bit can be set to logic one in the current status register in
four possible ways:
a) If the RX detects any message encoding or content error in the terminals transmission. A loop
test failure, LTFAIL, will be signalled which shall cause the Terminal Flag to be set and the
transmission aborted.
b) If a transmitter timeout occurs while the terminal is transmitting.
c) If a remote terminal self test fails.
d) If there is a parity error in the hard wired address to the RX chip.
This bit, once set, shall be repeatedly set until the detected error condition is known to be no longer
present. The transmission of this bit as a logic one can be inhibited by a legal mode command to inhibit
terminal flag bit (code 00110). Similarly, this inhibit can be removed by a mode command to override
inhibit terminal flag bit (code 00111), a power up initialization or a legal mode command to reset
remote terminal (code 01000).
If ENABLE is held low, then the three options described below are available and are essentially
independent. Any, all, or none may be selected. Also, reporting of faults by the subsystem requires that
SSERR be latched (not pulsed) low until the fault is cleared.
Resetting SSF and TF on Receipt of Valid Commands
If ENABLE is selected and the other three option lines are held high, then the Status Word Register will be
reset on receipt of any valid command with the exception of Transmit Status and Transmit Last Command.
Note that in this mode, the TF will never be seen in the Status Word, and the SSF will only be seen if
SSERR is latched low. Also note that the SSF will not be seen in response to Transmit Status or Transmit
Last Command if the preceding Status Word was clear, regardless of actions taken on the SSERR line after
the clear status transmission.
Status Register Update at Fault Occurrence
If STATUS UPDATE is selected (held low), then the TF or SSF will appear in response to a Transmit Status
or Transmit Last Command issued as the first command after the fault occurs. Any other command (except
as noted in the Preserving the BIT Word section) will reset the TF and SSF. Repeated Transmit Status or
Transmit Last Command immediately following the fault will continue to show the TF and/or SSF in the
Status Word. Note that this behavior may not meet the "letter-of-the-spec" as described in MIL-STD-1553B,
but is considered the "preferred" behavior by some users.
TF and SSF Reporting in the Next Status Word
After the Fault
If NEXT STATUS is selected (held low), then the TF or SSF will appear in response to the very next valid
command after the fault except for Transmit Status or Transmit Last Command. The flag(s) will be reset on
receipt of any valid command following the status transmission with the flag(s) set except for Transmit
Status, Transmit Last Command, or as noted in the following section on Preserving the BIT Word.
Preserving the BIT Word
In order to preserve the Transmitter Timeout Flag, Subsystem Handshake Failure, and Loop Test Failure
Bits in the BIT Word, it is necessary to select BIT DECODE (hold it low). This will prevent resetting those
bits if the Transmit Bit Word Mode Command immediately follows the fault or follows a Transmit Last
Command or Transmit Status immediately following the fault. It will also prevent resetting the TF and SSF
Bits in the Status Word. Any other valid commands will cause those BIT Word Bits and the Status Word Bits
to be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com