Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4438-1 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT4438-1
Description  ACT4438-1 Transceiver for MIL-STD-1553 / 1760 in a Chipscale Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4438-1 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT4438-1 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Aeroflex Circuit Technology
4
SCD4438-1 REV A 11/19/01 Plainview NY (516) 694-6700
Note 2. Vcc = 5 Volts ±0.1 V, for all measurements unless otherwise specified.
Note 3. Specifications apply over the case temperature range of -55°C to +90°C unless otherwise specfied.
Note 4. All typical values are measured at +25°C.
Electrical Characteristics – Receiver Section
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Differential Voltage Range
VIDR
--
20
V peak
Common Mode Rejection Ratio
CMRR
45
--
dB
Strobe Characteristics (Logic "0" inhibits output) if not used, a 1K pullup to 5 V is recommended
"0" Input Current
VS = 0.4 V
IIL
-
-0.2
-0.4
mA
"1" Input Current
VS = 2.7V
IIH
-1
+40
µA
"0" Input Voltage
VIL
--
0.7
V
"1" Input Voltage
VIH
2.0
-
-
V
Strobe Delay (turn-on)
tSD(ON)
-
90
200
nS
Strobe Delay (turn-off)
tSD(OFF)
-
90
200
nS
Threshold Characteristics (Sinewave input )
Input Threshold Voltage (Referred to the bus)
100KHz-
1MHz
VTH
0.60
0.8
1.15
V p-p
Output Characteristics, RX DATA and RX DATA
"1" State
IOH = -0.4 mA
VOH
2.5
3.7
-
V
"0" State
IOL = 4 mA
VOL
-0.3
0.5
V
Delay, (average)from differential input zero
crossings to RX DATA and RX DATA output
50% points
tDRX
-330
450
nS
Power Data
Maximum Currents, (+5V) For RISET = 2.2 KΩ
Duty Cycle
Typ
Max
Transmitter Standby
20 mA
30 mA
25% duty cycle
155 mA
185 mA
50% duty cycle
264 mA
335 mA
100% duty cycle
600 mA
650 mA
Power Supply Voltage
+V
4.75 to 5.5 Volts



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com