Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

216.080P Datasheet(PDF) 1 Page - Littelfuse

Part # 216.080P
Description  Designed to International Standards for use globally
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

216.080P Datasheet(HTML) 1 Page - Littelfuse

  216.080P Datasheet HTML 1Page - Littelfuse 216.080P Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
423
www .littelfuse .com
11
Designed to IEC Standard
®
®
RoHS
Pb
• Designed to International (IEC) Standards for use globally.
• Meets the IEC 60127-2, Sheet 1 specification for Fast Acting Fuses.
• Available in Cartridge and Axial Lead Form.
• Available in ratings of 0.050 to 16 amperes.
• High breaking capacity.
• RoHS compliant and Lead-Free
• Improved I2 t
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
150%
.05 – 6.3
60 minutes, Minimum
8-16
30 minutes, Minimum
210%
.05 – 16
30 minutes, Maximum
275%
.05 – 4
0.01 sec., Min.; 2 sec. Max.
5– 6.3
0.01 sec., Min.; 3 sec. Max.
8-16
0.04 sec., Min.; 20 sec. Max.
400%
.05 – 6.3
.003 sec., Min.; 0.3 sec. Max.
8-16
.01 sec., Min.; 1.0 sec. Max.
1000%
.05 – 6.3
.02 seconds, Maximum
8-16
.03 seconds, Maximum
INTERRUPTING RATING:
0.05 - 10A
1500A @ 250 VAC, 0.7-0.8 power factor
12.5 - 16A
750A @ 250 VAC, 1.0 power factor
12.5 - 16A
1000A @ 125 VAC, 1.0 power factor
ORDERING INFORMATION:
Cartridge
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Rating
Rating
Cold Ohms
A
2 Sec.
216.050P
.050
250
15.90
0.00019
216.063P
.063
250
10.45
0.00054
216.080P
.080
250
7.885
0.00084
216.100P
.100
250
5.793
0.00450
216.125P
.125
250
3.675
0.00545
216.160P
.160
250
5.349
0.00576
216.200P
.200
250
3.350
0.00438
216.250P
.250
250
2.350
0.00891
216.315P
.315
250
1.850
0.015
216.400P
.400
250
0.907
0.036
216.500P
.500
250
0.866
0.169
216.630P
.630
250
0.465
0.179
216.800P
.800
250
0.295
0.288
216 001.P
1
250
0.237
0.180
216 1.25P
1.25
250
0.153
0.477
216 01.6P
1.6
250
0.111
1.008
216 002.P
2
250
0.076
1.870
216 02.5P
2.5
250
0.058
2.697
216 3.15P
3.15
250
0.037
6.700
216 004.P
4
250
0.025
14.966
216 005.P
5
250
0.018
27.460
216 06.3P
6.3
250
0.014
56.429
216 008.P
8
250
0.012
64.316
216 010.P
10
250
0.008
154.339
216 12.5P
12.5
250
0.00615
158.5
216 015.P
15
250
0.00445
384.0
216 016.P
16
250
0.00445
384.0
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Ceramic
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Filler
Sand (160mA – 16A)
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).
5 x 20 mm Fast-Acting Fuse 216P Series


Similar Part No. - 216.080P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
216.080 LITTELFUSE-216.080 Datasheet
90Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
216.080 LITTELFUSE-216.080 Datasheet
128Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
More results

Similar Description - 216.080P

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T75S1D112-05 MACOM-T75S1D112-05 Datasheet
89Kb / 2P
Sensitive, Low Profile, Hi-Current Relay Designed to Meet International Standards
T77S1D10-24 MACOM-T77S1D10-24 Datasheet
89Kb / 2P
Sensitive, Low Profile, Hi-Current Relay Designed to Meet International Standards
logo
Omron Electronics LLC
G3F202SNAC100110 OMRON-G3F202SNAC100110 Datasheet
538Kb / 7P
International Standards for G3F Series, Same Profile as MY Power Relays
G3H203SLNDC24 OMRON-G3H203SLNDC24 Datasheet
372Kb / 6P
New Models with International Standards
logo
TE Connectivity Ltd
W28 TEC-W28 Datasheet
426Kb / 2P
Approved to many international standards
logo
Taoglas antenna solutio...
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
Designed for Outdoor Use
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
Designed for Outdoor Use
logo
Omron Electronics LLC
G3B OMRON-G3B Datasheet
408Kb / 5P
International Standards for G3B Series, Same Profile as MK Power Relays
G3F OMRON-G3F Datasheet
806Kb / 8P
International Standards for G3F Series, Same Profile as MY Power Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com