Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4464 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT4464
Description  ACT 4458 / 4464 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4464 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT4464 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Aeroflex Circuit Technology
SCD4458 REV A 1/29/98 Plainview NY (516) 694-6700
3
Note 1. Power on or off, measured from 75KHz to 1MHz at point A-A' and transformer self impedance of 3K
Ω
minimum
Absolute Maximum Ratings
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +150°C
Power supply voltage
-0.3 V to +7.0 V
Logic input voltage
-0.3 V to +5.5 V
Receiver differential input
±10 V
Receiver input voltage (common mode)
±5 V
Driver peak output current
600 mA
Total package power dissipation over the full operating
case temperature rise
2 Watts
Maximum junction to case temperature
10°C
Thermal resistance – junction to case
5°C/W
Electrical Characteristics — Driver Section
Input Characteristics, TX DATA in or TX DATA in (Notes 2 & 3 apply)
Parameter
Condition
Symbol
Min
Typ
Max
Unit
"0" Input Current
VIN = 0.4 V
IILD
-0.2
-0.4
mA
"1" Input Current
VIN = 2.7 V
IIHD
1
40
µA
"0" Input Voltage
VILD
0.7
V
"1" Input Voltage
VIHD
2.0
V
Inhibit Characteristics
"0" Input Current
VIN=0.4V
IILI
-0.2
-0.4
mA
"1" Input Current
VIN=2.7V
IIHI
1.0
40
µA
"0" Input Voltage
VILI
0.7
V
"1" Input Voltage
VIHI
2.0
V
Delay from TX inhibit, (0¡1) to inhibited output
tDXOFF
250
350
nS
Delay from TX inhibit, (1¡0) to active output
tDXON
150
250
nS
Differential output noise, inhibit mode
VNOI
2
10
mVP-P
Differential output impedance (inhibited)
Note 1
ZOI
2K
Ω
Output Characteristics
Differential output level
RL=35 Ω
VO
6
7.5
9
VP-P
Rise and fall times(10% to 90% of P-P output)
tr
100
200
300
nS
Output offset at point A-A' on Figure 5, 2.5µS
after midpoint crossing of the parity bit of the
last word of a 660µS message
RL=35 Ω
VOS
± 90
mV peak
Delay from 50% point of TX DATA or TX DATA
input to zero crossing of differential signal
tDTX
120
250
nS
(Note: Normal operation conditions require one transceiver on and the
other off.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com