Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF2N06VL Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMDF2N06VL
Description  DUAL TMOS MOSFET 2.5 AMPERES 60 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2N06VL Datasheet(HTML) 1 Page - Motorola, Inc

  MMDF2N06VL Datasheet HTML 1Page - Motorola, Inc MMDF2N06VL Datasheet HTML 2Page - Motorola, Inc MMDF2N06VL Datasheet HTML 3Page - Motorola, Inc MMDF2N06VL Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMDF2N06VL
DUAL TMOS MOSFET
2.5 AMPERES
60 VOLTS
RDS(on) = 0.130 OHM
Source–1
1
2
3
4
8
7
6
5
Top View
Gate–1
Source–2
Gate–2
Drain–1
Drain–1
Drain–2
Drain–2
D
S
G
CASE 751–05, Style 11
SO–8
TM
1
Motorola TMOS Power MOSFET Transistor Device Data
Product Preview
TMOS V™
SO-8 for Surface Mount
N–Channel Enhancement–Mode Silicon Gate
TMOS V is a new technology designed to achieve an on–resis-
tance area product about one–half that of standard MOSFETs. This
new technology more than doubles the present cell density of our
50 and 60 volt TMOS devices. Just as with our TMOS E–FET
designs, TMOS V is designed to withstand high energy in the
avalanche and commutation modes. Designed for low voltage, high
speed switching applications in power supplies, converters and
power motor controls, these devices are particularly well suited for
bridge circuits where diode speed and commutating safe operating
areas are critical and offer additional safety margin against
unexpected voltage transients.
New Features of TMOS V
• On–resistance Area Product about One–half that of Standard
MOSFETs with New Low Voltage, Low RDS(on) Technology
• Faster Switching than E–FET Predecessors
Features Common to TMOS V and TMOS E–FETS
• Avalanche Energy Specified
• IDSS and VDS(on) Specified at Elevated Temperature
• Static Parameters are the Same for both TMOS V and TMOS E–FET
• Miniature SO–8 Surface Mount Package – Saves Board Space
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
60
Vdc
Drain–to–Gate Voltage, (RGS = 1 MΩ)
VDGR
60
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 15
Vdc
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 100°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
2.5
0.5
7.5
Adc
Apk
Total Power Dissipation @ TA = 25°C (1)
PD
2.0
W
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 175
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 5.0 Vdc, Peak IL = 3.3 Apk, L = 10 mH, RG = 25 Ω)
EAS
54
mJ
Thermal Resistance, Junction to Ambient (1)
R
θJA
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 0.0625
″ from case for 10 seconds
TL
260
°C
DEVICE MARKING
2N6VL
(1) Mounted on G10/FR4 glass epoxy board using minimum recommended footprint.
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MMDF2N06VLR1
7
″
12mm embossed tape
500
MMDF2N06VLR2
13
″
12mm embossed tape
2500
This document contains information on a new product. Specifications and information herein are subject to change without notice.
E–FET and TMOS V are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Order this document
by MMDF2N06VL/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996


Similar Part No. - MMDF2N06VL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2N06V MOTOROLA-MMDF2N06V Datasheet
113Kb / 4P
DUAL TMOS MOSFET 3.3 AMPERES 60 VOLTS
More results

Similar Description - MMDF2N06VL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2N02E MOTOROLA-MMDF2N02E Datasheet
276Kb / 10P
DUAL TMOS MOSFET 3.6 AMPERES 25 VOLTS
MMDF2N06V MOTOROLA-MMDF2N06V Datasheet
113Kb / 4P
DUAL TMOS MOSFET 3.3 AMPERES 60 VOLTS
MMDF2P02E MOTOROLA-MMDF2P02E Datasheet
274Kb / 10P
DUAL TMOS MOSFET 2.5 AMPERES 25 VOLTS
MMDF3N06HD MOTOROLA-MMDF3N06HD Datasheet
213Kb / 10P
DUAL TMOS POWER MOSFET 60 VOLTS
MMSF2P02E MOTOROLA-MMSF2P02E Datasheet
266Kb / 8P
SINGLE TMOS POWER MOSFET 2.5 AMPERES 20 VOLTS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
MTB52N06V MOTOROLA-MTB52N06V Datasheet
198Kb / 10P
TMOS POWER FET 52 AMPERES 60 VOLTS
MTB52N06VL MOTOROLA-MTB52N06VL Datasheet
200Kb / 10P
TMOS POWER FET 52 AMPERES 60 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
TMOS POWER FET 60 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
TMOS POWER FET 15 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com