Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8503 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT8503
Description  ACT8503 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8503 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT8503 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT8503 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Aeroflex Circuit Technology
SCD8503 REV A 10/26/01 Plainview NY (516) 694-6700
Negative Input Leakage
Current CH0-CH47
-ISOFFOUTPUT(ALL)VIN = -10V, VEN = 4V, output and all
unused MUX inputs under test = +10V
2/, 3/
-100 +700
nA
Output Leakage Current
OUTPUTS
(pins 25, 70 & 68)
+IDOFFOUTPUT(ALL)
VOUT = +10V, VEN = 4V, output and all
unused MUX inputs under test = -10V
3/, 4/
-100 +100
nA
Output Leakage Current
OUTPUTS
(pins 25, 70 & 68)
-IDOFFOUTPUT(ALL)
VOUT = -10V, VEN = 4V, output and all
unused MUX inputs under test = +10V
3/, 4/
-100 +100
nA
Input Clamped Voltage
CH0 - CH47
+VCLMP(0-47)
VEN = 4V, all unused MUX inputs
under test are open.
3/
+25°C
+125°C
-55°C
18.0
18.0
17.5
23.0
23.5
22.5
V
V
V
Input Clamped Voltage
CH0 - CH47
-VCLMP(0-47)
+25°C
+125°C
-55°C
-23.0
-23.5
-22.5
-18.0
-18.0
-17.5
V
V
V
Switch ON Resistance
OUTPUTS
(pins 25, 70 & 68)
RDS(ON)(0-47)
A
VIN = +15V, VEN = 0.8V, IOUT = -1mA
2/, 3/, 5/
500
3000
Ω
RDS(ON)(0-47)
B
VIN = +5V, VEN = 0.8V, IOUT = -1mA
2/, 3/, 5/
500
3000
Ω
RDS(ON)(0-47)
C
VIN = -5V, VEN = 0.8V, IOUT = +1mA
2/, 3/, 5/
500
3000
Ω
Notes:
1/ Measure inputs sequentially. Ground all unused inputs of the MUX under test. VA is the applied input voltage to the MUXes’ address lines
A(0-3).
2/ VIN is the applied input voltage to the MUXes’ input channel CH0-CH47.
3/ VEN is the applied input voltage to the MUXes’ enable line En(0-15), En(16-31) and En(32-47).
4/ VOUT is the applied input voltage to the MUXes’ output line OUTPUT(0-15), OUTPUT(16-31) and OUTPUT(32-47).
5/ Negative current is the current flowing out of each of the MUX pins. Positive current is the current flowing into each MUX pin.
6/ If not tested, shall be guaranteed to the specified limits.
Switching Characteristics
(Tc = -55°C to +125°C, VDD = +15V, VEE = -15V, VR = +5.0V, Unless otherwise specified)
Parameter
Symbol
Conditions
Min
Max
Units
Switching Test MUX
t
ON
A
RL = 10K
Ω, CL = 50pF
10
1500
ns
t
OFF
A
RL = 10K
Ω, CL = 50pF
10
2000
ns
t
ON
EN
RL = 1K
Ω, CL = 50pF
10
1500
ns
t
OFF
EN
RL = 1K
Ω, CL = 50pF
10
1000
ns
DC Electrical Performance Characteristics 1/ (con’t)
(Tc = -55°C to +125°C, +VCC = +15V, -VEE = -15V, VREF = +5.0V, Unless otherwise specified)
Parameter
Symbol
Conditions
Min
Max Units



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com