Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF128K8 Datasheet(PDF) 16 Page - Aeroflex Circuit Technology

Part # ACTF128K8
Description  ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTF128K8 Datasheet(HTML) 16 Page - Aeroflex Circuit Technology

Back Button ACTF128K8 Datasheet HTML 12Page - Aeroflex Circuit Technology ACTF128K8 Datasheet HTML 13Page - Aeroflex Circuit Technology ACTF128K8 Datasheet HTML 14Page - Aeroflex Circuit Technology ACTF128K8 Datasheet HTML 15Page - Aeroflex Circuit Technology ACTF128K8 Datasheet HTML 16Page - Aeroflex Circuit Technology ACTF128K8 Datasheet HTML 17Page - Aeroflex Circuit Technology ACTF128K8 Datasheet HTML 18Page - Aeroflex Circuit Technology ACTF128K8 Datasheet HTML 19Page - Aeroflex Circuit Technology ACTF128K8 Datasheet HTML 20Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Aeroflex Circuit Technology
SCD1676 REV A 5/6/98
Plainview NY (516) 694-6700
16
Sector Unprotect Algorithm
Figure 12
Start
Data = 00H
Set Up Sector Address
Unprotected Mode
Activate WE Pulse
Time Out 10ms
Set A1 = 1, A0 = 0
Setup Sector Address SA0
PLSCNT = 1000
Address = SA7
Sector
Device Failure
Write Reset Command
Sector Unprotect
Completed
Yes
Yes
No
Set VCC = 5.0 V
(A12 = A7 = VIH, A6 = VIL)
OE = CE = A9 = VID
Set
Set OE = CE = VIL
Remove VID from A9
?
Read Data
From Device
Increment
PLSCNT
Increment
Sector Address
No
?
Yes
No
?
Notes:
SA0 = Sector Address for initial sector
SA7 = Sector Address for last sector
Please refer to Table 2
PLSCNT = 1
Protect All Sectors
Set VCC = 5.0 V
Set VCC = 4.25 V
Set VCC = 5.0 V
Write Autoselect
Command Sequence
Write Reset
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com