Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF2P02E Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMDF2P02E
Description  DUAL TMOS MOSFET 2.5 AMPERES 25 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2P02E Datasheet(HTML) 2 Page - Motorola, Inc

  MMDF2P02E Datasheet HTML 1Page - Motorola, Inc MMDF2P02E Datasheet HTML 2Page - Motorola, Inc MMDF2P02E Datasheet HTML 3Page - Motorola, Inc MMDF2P02E Datasheet HTML 4Page - Motorola, Inc MMDF2P02E Datasheet HTML 5Page - Motorola, Inc MMDF2P02E Datasheet HTML 6Page - Motorola, Inc MMDF2P02E Datasheet HTML 7Page - Motorola, Inc MMDF2P02E Datasheet HTML 8Page - Motorola, Inc MMDF2P02E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMDF2P02E
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
25
2.2
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
1.0
10
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS(2)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Temperature Coefficient (Negative)
VGS(th)
1.0
2.0
3.8
3.0
Vdc
Static Drain–to–Source On–Resistance
(VGS = 10 Vdc, ID = 2.0 Adc)
(VGS = 4.5 Vdc, ID = 1.0 Adc)
RDS(on)
0.19
0.3
0.25
0.4
Ohm
Forward Transconductance (VDS = 3.0 Vdc, ID = 1.0 Adc)
gFS
1.0
2.8
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
340
475
pF
Output Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
220
300
Transfer Capacitance
f = 1.0 MHz)
Crss
75
150
SWITCHING CHARACTERISTICS(3)
Turn–On Delay Time
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 5.0 Vdc,
RG = 6.0 Ω)
td(on)
20
40
ns
Rise Time
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 5.0 Vdc,
RG = 6.0 Ω)
tr
40
80
Turn–Off Delay Time
VGS = 5.0 Vdc,
RG = 6.0 Ω)
td(off)
53
106
Fall Time
G = 6.0 Ω)
tf
41
82
Turn–On Delay Time
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc,
RG = 6.0 Ω)
td(on)
13
26
Rise Time
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc,
RG = 6.0 Ω)
tr
29
58
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 6.0 Ω)
td(off)
30
60
Fall Time
G = 6.0 Ω)
tf
28
56
Gate Charge
(VDS = 16 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
QT
10
15
nC
(VDS = 16 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
Q1
1.0
(VDS = 16 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
Q2
3.5
Q3
3.0
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage(2)
(IS = 2.0 Adc, VGS = 0 Vdc)
VSD
1.5
2.0
Vdc
Reverse Recovery Time
See Figure 11
(IS = 2.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
trr
32
64
ns
See Figure 11
(IS = 2.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
19
(IS = 2.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
12
Reverse Recovery Storage Charge
QRR
0.035
µC
(1) Negative sign for P–Channel device omitted for clarity.
(2) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(3) Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com