Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF512K32 Datasheet(PDF) 12 Page - Aeroflex Circuit Technology

Part # ACTF512K32
Description  ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTF512K32 Datasheet(HTML) 12 Page - Aeroflex Circuit Technology

Back Button ACTF512K32 Datasheet HTML 8Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 9Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 10Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 11Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 12Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 13Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 14Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 15Page - Aeroflex Circuit Technology ACTF512K32 Datasheet HTML 16Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
A
A
Aeroflex Circuit Technology
SCD1665 REV B 6/29/01 Plainview NY (516) 694-6700
12
Start
Read Byte
D0-D7
Address = VA
D6 = Toggle
D5 = 1
Read Byte
D0-D7
Address = VA
Fail
Pass
Yes
No
No
Yes
No
?
D6 =
Toggle?
(Note 1)
Yes
VA = Byte Address for Programming
= Any of the Sector Addresses
within the sector being erased
during sector erase operation
= XXXXH during Chip Erase
Figure 5
Toggle Bit Algorithm
Start
Read Byte
D0-D7
Address = VA
D7 = Data
D5 = 1
Read Byte
D0-D7
Address = VA
Fail
Pass
Yes
No
No
Yes
No
D7 =
Toggle?
(Note 1)
Yes
Figure 6
Data Polling Algorithm
Note 1. D6 is rechecked even if D5 = "1" because D6 may stop toggling at
the same time as D5 changes to "1".
Note 1. D7 is rechecked even if D5 = "1" because D7 may change
simultaneously with D5.
VA = Byte Address for Programming
= Any of the Sector Addresses
within the sector being erased
during sector erase operation
= XXXXH during Chip Erase
?
?
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com