Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF512K8 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # ACTF512K8
Description  ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTF512K8 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button ACTF512K8 Datasheet HTML 4Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 5Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 6Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 7Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 8Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 9Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 10Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 11Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 12Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Aeroflex Circuit Technology
SCD1668 REV A 4/28/98
Plainview NY (516) 694-6700
8
If Data Polling or the Toggle Bit indicates the device has
been written with a valid erase command, D3 may be
used to determine if the sector erase timer window is still
open. If D3 is high ("1") the internally controlled erase
cycle has begun; attempts to write subsequent com-
mands to the device will be ignored until the erase oper-
ation is completed as indicated by Data Polling or Toggle
Bit. If D3 is low ("0"), the device will accept additional
sector erase commands. To ensure the command has
been accepted, the software should check the status of
D3 prior to and following each subsequent sector erase
command. If D3 were high on the second status check,
the command may not have been accepted. See Table 4
Sector Protection
Algorithims
SECTOR PROTECTION
The ACT-F512K8 features hardware sector protection
which will disable both program and erase operations to
an individual sector or any group of sectors. To activate
this mode, the programming equipment must force VID
on control pin OE and address pin A9. The sector
addresses should be set using higher address lines A18,
A17, and A16. The protection mechanism begins on the
falling edge of the WE pulse and is terminated with the
rising edge of the same.
To verify programming of the protection circuitry, the pro-
gramming equipment must force VID on address pin A9
with CE and OE at VIL and WE at VIH. Scanning the sec-
tor addresses (A16, A17, and A18) while (A6, A1, A0) =
(0, 1, 0,) will produce a logical "1" code at device output
D0 for a protected sector. Otherwise the device will read
00H for unprotected sector. In this mode, the lower order
addresses, except for 0, A1, and A6 are don't care.
It is also possible to verify if a sector is protected during
the sector protection operation. This is done by setting
A6 = CE = OE = VIL and WE = VIH (A9 remains high at
VID). Reading the device at address location XXX2H,
where the higher order addresses (A18, A17, and A16)
define a particular sector, will produce 01H at data out-
puts (D0 - D7) for a protected sector.
SECTOR UNPROTECT
The ACT-F512K8 also features a sector unprotect mode,
so that a protected sector may be unprotected to incor-
porate any changes in the code. All sectors should be
protected prior to unprotecting any sector.
To activate this mode, the programming equipment must
force Vid on control pins OE, CE, and address pin A9.
The address pins A6, A16, and A12 should be set to VIH.
The unprotection mechanism begins on the falling edge
of the WE pulse and is terminated with the rising edge of
the same.
It is also possible to determine if a sector is unprotected
in the system by writing the autoselect command and A6
is set at VIH. Performing a read operation at address
location XXX2H, where the higher order addresses (A18,
A17, and A16) define a particular sector address, will pro-
duce 00H at data outputs (D0-D7) for an unprotected
sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com