Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTS512K8 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACTS512K8
Description  ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTS512K8 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACTS512K8 Datasheet HTML 1Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 2Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 3Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 4Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 5Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 6Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 7Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CIRCUIT TECHNOLOGY
www.aeroflex.com
eroflex Circuit Technology - Advanced Multichip Modules © SCD1664 REV C 5/10/00
General Description
The ACT–S512K8 is a high
speed,
4
Megabit
CMOS
Monolithic SRAM designed for
full temperature range military,
space, or high reliability mass
memory
and
fast
cache
applications.
The MCM is input and output
TTL
compatible.
Writing
is
executed
when
the
write
enable (WE) and chip enable
(CE) inputs are low and output
enable (OE) is high. Reading is
accomplished when WE is high
and CE and OE are both low.
Access time grades of 17ns,
20ns, 25ns, 35ns, 45ns and
55ns maximum are standard.
The +5 Volt power supply
version is standard and +3.3
Volt lower power model is a
future optional product.
The products are designed
for
operation
over
the
temperature range of -55°C to
+125°C and under the full
military environment. A DESC
Standard
Military
Drawing
(SMD) number is released.
The
ACT-S512K8
is
manufactured
in
Aeroflex’s
80,000
square
foot
MIL-PRF-38534
certified
facility in Plainview, N.Y.
512Kx8
OE
A0 – A18
I/O0-7
8
WE
CE
Pin Description
I/O0-7
Data I/O
A0–18
Address Inputs
WE
Write Enable
CE
Chip Enable
OE
Output Enable
VCC
Power Supply
VSS
Ground
NC
Not Connected
V
ss
V
cc
Block Diagram – Flat Package(F3,F16), DIP(P4) & CSOJ(F4)
Features
I Low Power Monolithic CMOS 512K x 8 SRAM
I Full Military (-55°C to +125°C) Temperature Range
I Input and Output TTL Compatible Design
I Fast 17,20,25,35,45 & 55ns Maximum Access Times
I +5 V Power Supply
I MIL-PRF-38534 Compliant MCMs Available
I Industry Standard Pinouts
I Packaging – Hermetic Ceramic
G 36 Lead, .92" x .51" x .13" Flat Package (FP), Aeroflex code# "F3"
G 36 Lead, .92" x .43" x .184" Small Outline J lead (CSOJ),
Aeroflex code# "F4"
(.155 MAX thickness available, contact factory for details)
G 32 Lead, 1.6" x .60" x .20" Dual-in-line (DIP), Aeroflex code# "P4"
I DESC SMD# 5962–95613 Released(F3,F4,P4)
ACT–S512K8 High Speed
4 Megabit Monolithic SRAM


Similar Part No. - ACTS512K8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS541D INTERSIL-ACTS541D Datasheet
66Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
January 1996
ACTS541DTR-02 INTERSIL-ACTS541DTR-02 Datasheet
57Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
July 1999
ACTS541HMSR INTERSIL-ACTS541HMSR Datasheet
66Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
January 1996
ACTS541K INTERSIL-ACTS541K Datasheet
66Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
January 1996
ACTS541KTR-02 INTERSIL-ACTS541KTR-02 Datasheet
57Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
July 1999
More results

Similar Description - ACTS512K8

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-PS512K8 AEROFLEX-ACT-PS512K8 Datasheet
73Kb / 6P
ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF128K8 AEROFLEX-ACTF128K8 Datasheet
150Kb / 21P
ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACTF512K8 AEROFLEX-ACTF512K8 Datasheet
149Kb / 21P
ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
High Speed 4 Megabit SRAM Multichip Module
logo
List of Unclassifed Man...
EDI8F16256C ETC1-EDI8F16256C Datasheet
370Kb / 7P
HIGH SPEED 4 MEGABIT SRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com