Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4102 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4102
Description  BNC MALE RIGHT Angle Connector Solder Attachment For PE-SR405AL PE-SR405FL, RG405l
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4102 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4102 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4102 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4102 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
BNC Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
Configuration
Connector
BNC Male
Connector Specification
MIL-C-39012
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.89 [22.61]
Width/Dia., in [mm]
0.57 [14.48]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
BNC Male
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: BNC Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL,
RG405 PE4102
PE4102
PE4102 REV
BNC Male Right Angle Connector Solder Attachment
For PE-SR405AL, PE-SR405FL, RG405


Similar Part No. - PE4102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4102 PASTERNACK-PE4102 Datasheet
787Kb / 3P
BNC Male Right Angle Connector Solder Attachment
PE4102 PASTERNACK-PE4102_16 Datasheet
787Kb / 3P
BNC Male Right Angle Connector Solder Attachment
More results

Similar Description - PE4102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44384 PASTERNACK-PE44384 Datasheet
222Kb / 3P
SSMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4791 PASTERNACK-PE4791 Datasheet
258Kb / 2P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4025 PASTERNACK-PE4025 Datasheet
501Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4725 PASTERNACK-PE4725 Datasheet
95Kb / 1P
REVERSE POLARITY BNC MALE SOLDER ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4649 PASTERNACK-PE4649 Datasheet
231Kb / 3P
TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44692 PASTERNACK-PE44692 Datasheet
1Mb / 3P
SMA Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE4651 PASTERNACK-PE4651 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44495 PASTERNACK-PE44495 Datasheet
209Kb / 2P
QMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44497 PASTERNACK-PE44497 Datasheet
372Kb / 3P
QMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE45239 PASTERNACK-PE45239 Datasheet
680Kb / 3P
BNC Male Right Angle Connector Solder Attachment for PE-SR405AL, PE-SR405FL, RG405
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com