Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARX4435-FP Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ARX4435-FP
Description  ARX4435 Transceiver for Macair H009 Specification
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ARX4435-FP Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ARX4435-FP Datasheet HTML 1Page - Aeroflex Circuit Technology ARX4435-FP Datasheet HTML 2Page - Aeroflex Circuit Technology ARX4435-FP Datasheet HTML 3Page - Aeroflex Circuit Technology ARX4435-FP Datasheet HTML 4Page - Aeroflex Circuit Technology ARX4435-FP Datasheet HTML 5Page - Aeroflex Circuit Technology ARX4435-FP Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Aeroflex Circuit Technology
SCD4435 REV B 2/3/99 Plainview NY (516) 694-6700
2
an overriding “INHIBIT” input returns the output
impedance to a high state. A logic “1” applied to the
“INHIBIT” takes priority over the condition of the data
inputs and disables the transmitter. (See Transmitter
Logic Waveforms, Figure 1.)
The transmitter utilizes an active filter to suppress
harmonics above 1 mHz to meet H 009 Macair speci-
fications. The transmitter may be safely operated for
an indefinite period with the output short circuited at
100% duty cycle.
Receiver
The Receiver section accepts bi-phase differential
data at the input and produces two TTL signals at the
output. The outputs are DATA and DATA, and repre-
sent positive and negative excursions of the input
beyond a pre-determined threshold.(See Receiver
Logic Waveforms, Figure 2.)
The internal threshold is nominally set to detect
data bus signals exceeding 1.05 Volts P-P and reject
signals less than 0.6 volts P-P when used with a 1:1
turns ratio transformer. (See Figure 5 for transformer
data and typical connection.)
A low level at the Strobe input inhibits the DATA
and DATA outputs. If unused, a 2K pull-up to +5 Volts
is recommended
DATA IN
DATA IN
INHIBIT
LINE TO LINE
OUTPUT
Figure 1 - Transmitter Logic Waveforms
Figure 2 - Receiver Logic Waveforms
Note overlap
Note: Waveforms shown are for normally low devices. For normally high receiver output
devices, the receiver outputs are swapped as shown by the dashed lines
level
LINE TO LINE
INPUT
Rx DATA OUT
Rx DATA OUT
Notes: 1. Data and DATA inputs must be complementry waveforms or 50% duty cycle average, with no delays between them, and in the same state during
the off time (both high and low).
2. Region 1 ; no output signal, High Z state, (Receive Mode), Region 2; No Output signal, Low Z state, (Terminate Mode), Region 3, Transmitter signal
on, low Z.
Region 1
2
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com