Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5926B Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # 1N5926B
Description  GLAS S PASSIVA TED JUNC TION S ILICON ZENER DIODE VO LTA GE - 1 1 T O 200 Vo lts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

1N5926B Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  1N5926B Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. 1N5926B Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. 1N5926B Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
ELECTRICAL CHARACTERISTICS (TL=30 ¢J unless otherwise noted) (VF=1.5Volts Max @ IF=200mA)
Maximum Zener Impedance (Note 2.)
Max reverse
Leakage Current
Device
Nominal Zener
Voltage Vz @ IZT
volts
(Note 1.)
Test current
IZT
mA
ZZT @ IZT
Ohms
ZZk @ IZK
Ohms
@
IZK
mA
IR
£g A
@
VR
Volts
Maximum DC
Zener Current
IZM
mAdc
1N5926B
1N5927B
1N5928B
11
12
13
34.1
31.2
28.8
5.5
6.5
7
550
550
550
0.25
0.25
0.25
1
1
1
8.4
9.1
9.9
136
125
115
1N5929B
1N5930B
1N5931B
1N5932B
15
16
18
20
25
23.4
20.8
18.7
9
10
12
14
600
600
650
650
0.25
0.25
0.25
0.25
1
1
1
1
11.4
12.2
13.7
15.2
100
93
83
75
1N5933B
1N5934B
1N5935B
1N5936B
22
24
27
30
17
15.6
13.9
12.5
17.5
19
23
26
650
700
700
750
0.25
0.25
0.25
0.25
1
1
1
1
16.7
18.2
20.6
22.8
68
62
55
50
1N5937B
1N5938B
1N5939B
1N5940B
33
36
39
43
11.4
10.4
9.6
8.7
33
38
45
53
800
850
900
950
0.25
0.25
0.25
0.25
1
1
1
1
25.1
27.4
29.7
32.7
45
41
38
34
1N5941B
1N5942B
1N5943B
1N5944B
47
51
56
62
8
7.3
6.7
6
67
70
86
100
1000
1100
1300
1500
0.25
0.25
0.25
0.25
1
1
1
1
35.8
38.8
42.6
47.1
31
29
26
24
1N5945B
1N5946B
1N5947B
1N5948B
68
75
82
91
5.5
5
4.6
4.1
120
140
160
200
1700
2000
2500
3000
0.25
0.25
0.25
0.25
1
1
1
1
51.7
56
62.2
69.2
22
20
18
16
1N5949B
1N5950B
1N5951B
1N5952B
100
110
120
130
3.7
3.4
3.1
2.9
250
300
380
450
3100
4000
4500
5000
0.25
0.25
0.25
0.25
1
1
1
1
76
83.6
91.2
98.8
15
13
12
11
1N5953B
1N5954B
1N5955B
1N5956B
150
160
180
200
2.5
2.3
2.1
1.9
600
700
900
1200
6000
6500
7000
8000
0.25
0.25
0.25
0.25
1
1
1
1
114
121.6
136.8
152
10
9
8
7
* TOLERANCE AND VOLTAGE DESIGNATION Tolerance designation - The type numbers listed indicate a
tolerance of ¡Ó 5%
RATING AND CHARACTERISTICS CURVES
1N5926B THRU 1N5956B
2.5
2
1.5
1
0.5
0
20
40
60
80
100
120
140
150
180
TL, LEAD TEMPERATURE (¢J)
8
6
4
2
0
-2
-4
3
4
6
8
10
12
VZ@IZT
VZ, ZENER VOLTAGE (VOLTS)
Fig. 1-STEADY STATE POWER DERATING
Fig. 2-ZENER VOLTAGE-TO 12 VOLTS
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1N5926B THRU 1N5956B
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
VOLTAGE - 11 TO 200 Volts
Power - 1.5 Watts
XINGHE ELECTRONICS
星合电子



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com