Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2561 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # CT2561
Description  CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2561 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  CT2561 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCDCT2561 REV A 8/16/99
Bus Controller, Remote Terminal and BUS Monitor
Features
I Second Source Compatible to the BUS-65610
I 16MHz CT2565 Replacement
I RTU implements all dual redundant mode codes
I Selective mode code illegalization available
I 16 bit microprocessor compatibility
I BC checks status word for correct address and set flags
I RTU illegal mode codes externally selectable
I 16 bit µProcessor compatibility
I DMA handshaking for subsystem message transfers
I Continuous On-Line and Initiated Built-In-Test
I MIL-PRF-38534 compliant circuits available
I Packaging – Hermetic Metal
• 78 Pin, 2.1" x 1.87" x .25" Plug-In type package
• 82 Lead, 2.2" x 1.61" x .18" Flat package
General Description
The CT2561 is a 16 MHz single chip dual redundant MIL-STD-1553 Bus Controller (BC), Remote
Terminal Unit (RTU) and Bus Monitor (MT). Packaged in a hybrid plug-in or flatpack, the CT2561
performs all the functions required to interface a MIL-STD-1553 dual redundant serial data bus such
as ACT4487 and a subsystem parallel three-state data bus.
Using a single Aeroflex custom monolithic ASIC design, the CT2561 features pin-for-pin and
functional CT2565 compatibility, user initiated self-test, and low power consumption.
Compatible with most microprocessors the CT2561 provides a 16bit three-state parallel data bus
and uses direct memory access (DMA type) handshaking for subsystem transfers. All message
transfer timing, DMA and control lines are provided internally, thereby reducing the subsystem
overhead associated with message transfers.
The CT2561 implements all dual redundant MIL-STD-1553 mode codes. In addition, any mode
code may (Optionally) be legalized through the use of an external PROM. Complete error detection
is provided by the CT2561 for BC and RTU operation. Error detection includes: response time-out,
inter-message gaps, sync, parity, Manchester, word count and bit count.
The CT2561 is fully compliant with MIL-STD-1553, is available screened in accordance with the
requirements of MIL-STD-883 and operates over the full military temperature range of -55°C to
+125°C.
CT2561
FOR MIL-STD-1553B
F
I
E
I
D
C
E
R T
F
L E
X L A
ISO
9001
CIRCUIT TECHNOLOGY
www.aeroflex.com


Similar Part No. - CT2561

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2565-001-1 AEROFLEX-CT2565-001-1 Datasheet
356Kb / 31P
CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2565-001-2 AEROFLEX-CT2565-001-2 Datasheet
356Kb / 31P
CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2565-201-1 AEROFLEX-CT2565-201-1 Datasheet
356Kb / 31P
CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2565-201-2 AEROFLEX-CT2565-201-2 Datasheet
356Kb / 31P
CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
More results

Similar Description - CT2561

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT3492 AEROFLEX-ACT3492 Datasheet
360Kb / 49P
MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
logo
Dynex Semiconductor
MA3690 DYNEX-MA3690 Datasheet
426Kb / 41P
1553B Bus Controller/Remote Terminal
logo
List of Unclassifed Man...
UT1553B ETC1-UT1553B Datasheet
1Mb / 52P
BCRT Bus Controller/Remote Terminal/Monitor
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
Data Bus (MIL-STD-1553B) Components
Revised 12-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com