Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2565 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # CT2565
Description  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  CT2565 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Aeroflex Circuit Technology
3
SCDCT2565 REV B 8/10/99 Plainview NY (516) 694-6700
GENERAL
The CT2565 uses a custom CMOS ASIC for
protocol logic and I/O buffering to provide low
power dissipation in its small package.
The CT2565 performs a continuous on-line
Built-In-Test (BIT); in this test the last transmitted
word of each message transfer is wrapped
around through the active receiver channel and
verified against the captured encoded word. A
user-defined loop test under subsystem control
can also be implemented. Numerous error flags
are
provided
to
the
subsystem
including
message error, status error, response time out
and loop test error.
An external 12 MHz, TTL clock connected to Pin
39 is required.
Where appropriate, references to signal names
and their associated pin numbers for the 78 pin
DDIP
package
are
made
throughout
this
document. For flatpack model pin numbers, refer
to Table 10.
BC/RTU/MT Initialization
The
CT2565
provides
BC,
RTU,
and
MT
operating
modes.
The
operating
mode
if
dynamically selectable through two static control
inputs as listed in Table 2. It is recommended
that a master RESET signal be issued (80ns min)
prior to mode selection to clear the internal
registers.
MIL-STD-1553 Word Types
Figure 2 illustrates the three MIL-STD-1553 word
types: Command, Data, and Status.
Values at nominal Power Supply Voltages unless otherwise specified
PARAMETER
VALUE
UNITS
Logic
VIH
2.0 min
V
VIL
0.8 max
V
VOH
3.7 min
V
VOL
0.4 max
V
IIH
±100 max
µA
IIL
-0.4 max
mA
IOL *
±1.2 max
mA
IOH *
±0.4 max
mA
CIN (f = 1MHz)
20 max
pF
COUT (f = 1MHz)
20 max
pF
Power Supply
+5VDC
Tolerances
±10 max
%
Supply Current
50 typ (70 max)
mA
Internal Decoupling
1.5 typ
µF
Temperature Range
Operating (Case)
−55 to +125
°C
Storage
−65 to +150
°C
Physical Characteristics
Size
78 pin DDIP
1.9 x 2.10 x 0.25
(48.30 x 53.34 x 6.35)
in
(mm)
82 pin flatpack
1.6 x 2.19 x 0.15
(40.64 x 55.63 x 3.81)
in
(mm)
Weight
1.7 (48)
oz (g)
* IOL and IOH parameters are indicated for all logic outputs except Data Bus (DB0 – DB15) which are ±5mA for
both parameters.
Table 1 – CT2565 Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com