Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2556 Datasheet(PDF) 30 Page - Aeroflex Circuit Technology

Part # CT2556
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2556 Datasheet(HTML) 30 Page - Aeroflex Circuit Technology

Back Button CT2556 Datasheet HTML 26Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 27Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 28Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 29Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 30Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 31Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 32Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 33Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 34Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Aeroflex Circuit Technology
30
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
A02
A01
A00
SSFLAG, SSBUSY, SVCRQST
DBAC, RTU/BC, MT, CTLIN B/A
MEM/REG
D15-D00
IOEN
SELECT
STRBD
(Internal)
16MHz Clock
RD/WR
READYD
See Note 1
DATA VALID
td1
tpw1
td2
td6
Figure 33 – CPU Reads from Internal Register Timing
CPU Reads from Internal Register
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
td1
READYD low delay (CPU Handshake)
-
200
ns
td2
IOEN high delay (CPU Handshake)
-
20
ns
tpw1
READYD pulse width (CPU Handshake)
70
-
ns
td6
Internal Register delay (read)
-
60
ns
tr
READYD to STRBD release
-
1.37
µs
tz
(SELECT • STRBD) to IOEN
-
1.8
µs
See Note 2
tz
tr
NOTE:
1. STRBD to IOEN (low) delay is two clock cycles. If contention occurs, delay is two clock cycles following release of bus.
2. CPU must release STRBD within 1.5µs of IOEN going active. READYD will go away within one clock cycle maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com