Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44205 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44205
Description  SMA Female Connector Solder Attachment 0.047 inch End Launch PCB, .030 inch Diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44205 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44205 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44205 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Solder Attachment 0.047 inch End Launch PCB, .030 inch Diameter
Configuration
Connector
SMA Female
Connector Interface Type
0.047 inch End Launch
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.562 [14.27]
Width/Dia., in [mm]
0.375 [9.53]
Height, in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.005 [2.27]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female Connector Solder Attachment 0.047 inch End Launch PCB, .030 inch Diameter from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment 0.047 inch End Launch PCB, .030 inch Diameter
PE44205
URL: http://www.pasternack.com/sma-female-standard-0.047-end-launch-connector-pe44205-p.aspx
PE44205
PE44205 REV A
SMA Female Connector Solder Attachment 0.047 inch
End Launch PCB, .030 inch Diameter


Similar Part No. - PE44205

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4420 PASTERNACK-PE4420 Datasheet
109Kb / 1P
SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE44200 PASTERNACK-PE44200 Datasheet
220Kb / 3P
RT SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE44201 PASTERNACK-PE44201 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44202 PASTERNACK-PE44202 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE44203 PASTERNACK-PE44203 Datasheet
214Kb / 2P
SMA Male Connector Crimp/Solder Attachment For PE-P195
More results

Similar Description - PE44205

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44129 PASTERNACK-PE44129 Datasheet
285Kb / 2P
SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44204 PASTERNACK-PE44204 Datasheet
223Kb / 3P
SMA Female Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44211 PASTERNACK-PE44211 Datasheet
217Kb / 2P
SMA Female Bulkhead Connector Solder Attachment 0.042 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE44235 PASTERNACK-PE44235 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment End Launch PCB, .030 inch Diameter
PE44132 PASTERNACK-PE44132 Datasheet
223Kb / 3P
SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44133 PASTERNACK-PE44133 Datasheet
205Kb / 2P
SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44212 PASTERNACK-PE44212 Datasheet
227Kb / 3P
SMA Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE4542 PASTERNACK-PE4542 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE4912 PASTERNACK-PE4912 Datasheet
205Kb / 2P
SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44201 PASTERNACK-PE44201 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com