Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT70003 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # MT70003
Description  SINGLE CHANNEL ARINC DECODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MT70003 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  MT70003 Datasheet HTML 1Page - Aeroflex Circuit Technology MT70003 Datasheet HTML 2Page - Aeroflex Circuit Technology MT70003 Datasheet HTML 3Page - Aeroflex Circuit Technology MT70003 Datasheet HTML 4Page - Aeroflex Circuit Technology MT70003 Datasheet HTML 5Page - Aeroflex Circuit Technology MT70003 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MT70003
VLSI COMPONENTS FOR ARINC 429 DATA TRANSMISSION SYSTEMS
6
It is anticipated that the 24 bit data bus option will be required and that the data tri-states will be permanently
enabled by wiring NOT DATA ENABLE LO.
If only one specific label is of interest this can be hard wired onto the tag ports conditioned as inputs by
wiring MODE SELECT LO. Then internal address recognition will be performed.
If a range of labels is of interest then MODE SELECT can be wired HI. The tag ports are then conditioned as
outputs. By wiring NOT TAG ENABLE LO and by using some simple external ‘acceptable label’ decode to
drive ADDRESS RECOGNISED only the required transmissions are loaded. Note that in this mode if
ADDRESS RECOGNISED is not connected then every good transmission is loaded into the word latch
irrespective of its label since this input has an ‘on chip’ pull-up transistor.
Several of the pins may not be of interest e.g. OVERRUN, TRANSMISSION FAULT, TAG VALID, DATA
READY, NOT RESET DATA READY, DATA MUX, in which case they need not be connected. This will
not impair the basic function since a good, recognised transmission will be maintained in the word latch until
overwritten by the next good, recognised transmission.
General Processor Systems
It is anticipated that the 16 bit data highway option will be required.
Many users will wire MODE SELECT HI and employ a label identification P.R.O.M. to generate the address
recognition signal. A Direct Memory Access can be performed to transfer wanted data from the word latch
into memory.
If the user requires an indication of the word transmission rate he can externally ‘OR’ TRANSMISSION
FAULT with TAG VALID. The rising edge of such a waveform could be used to trigger a timer.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com