Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBO-200 Datasheet(PDF) 2 Page - SL Power Electronics

Part # PBO-200
Description  200 WATTS POWER FACTOR CORRECTED WIDE RANGE ADJUSTABLE MULTIPLE OUTPUTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PBO-200 Datasheet(HTML) 2 Page - SL Power Electronics

  PBO-200 Datasheet HTML 1Page - SL Power Electronics PBO-200 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com
FUNCTION
115 VAC
230 VAC
CONNECTOR
TB1-
Line
Line 1
TB1-
Neutral
Line 2
TB1-
Safety Ground
Safety Ground
AC INPUT (90-264 VAC Continuous Range)
FUNCTION
LOCATION
NOTES
CONNECTOR
Output #1
TB2-1
4.75V to 5.25V
TB2-2
Rtn (Isolated)
Output #2
TB3-1
11.5V to 25.2V
TB3-2
Rtn (Isolated)
Output #3
TB3-3
9.5V to 15.8V
TB3-4
Rtn (Isolated)
Output #4
TB3-5
4.75V to 12.6V
TB3-6
Rtn (Isolated)
DC OUTPUT
Barrier strip
#6-32 screws
0.325 inch centers
Bus Bars
# 8 - 32 Screws
Barrier strip
#6-32 screws
0.375 inch centers
FUNCTION
LOCATION
STATUS
CONNECTOR
Enable
J1-1
Enable
J1-2
Output #1 Rtn
DC Power Good
J1-4
DC Power Good
J1-3
Output #1 Rtn
Remote Sense
J2-2
Output #1 Sense +
J2-1
Output #1 Sense -
STATUS AND CONTROL
Molex part #
22 - 23 - 2041
mates with Molex
part # 22 - 01 - 3047
SPECIFICATIONS: ALL MODELS
INPUT
AC Input: 85-264 V AC continuous range, 47 to 65 Hz. Internally fused at 6.3 A.
Power Factor: 0.99 typical at full load. Meets EN61000-3-2.
Inrush: Cold start AC current is less than 35 A at 115 Vac and 70 A at 230 Vac. Limited by a
thermistor.
Brownout Protection: Holds regulation to 85 Vac.
Holdup Time: 20 ms after removal of power at nominal line and full load.
Efficiency: 75% typical.
AC Power Fail: Provides TTL “0” 6 ms before output voltage goes out of regulation band
upon loss of ac power. Also provides a TTL level “0” for 100 ms (minimum) at starting.
OUTPUT
Adjustability: Output #1 is adjustable ±5%. Output #3 and 4 are wide range adjustable,
(see table).
Line & Load Reg: ±0.6% on all outputs over AC input range and loads within the ranges
specified in the table.
Ripple & Noise: Less than 1% p-p or 100 mV, whichever is greater.
Remote Sense (Output #1): Compensates for 250 mV total line drop. Open sense lead
protection.
Temperature Coefficient: To be determined.
Stability: 0.1% over 8 hours after 30 minutes warm-up.
Transient Response: Output voltage returns to within 1% in less than 500 µs for a 25% load
change. Peak transient does not exceed 3%.
Overload Protection: All outputs are protected against overload and Input Cycling off/on is
required to reset latched-off protection mode.
Overvoltage Protection (Output #1): Protects load against power supply induced
overvoltage. Trip point is factory set so that output voltage cannot exceed 6.5 V.
Peak Output Current: (Outputs #2 and 3) Dual current ratings define continuous and peak
currents. The peak current shown can be delivered for a maximum period of 15 seconds.
Remote Inhibit: Contact closure to the negative sense line or a TTL level “0” turns off DC
outputs.
DC Power Good: Provides a TTL “1” open collector when output #1 is above 4.6 V nominal.
Redundancy: External OR-ing diodes and forced current sharing on output #1 provide “N+1”
capability. Remote sense (+S) compensates for additional 0.6 V diode voltage drop. When
the current sharing terminal is connected between units, current sharing remains within
10% of the unit’s full output current rating.
Reverse Voltage: Protected against reverse voltage up to supply current rating.
Cooling: 30 CFM required to achieve full ratings.
Enable: Contact closure in the negative output #1 terminal or a TTL level “0”, turns off DC
outputs.
200 WATTS
9”x 5”x 2”
PBO-200
(L )
(N)
( )
Dimensions:
Inches
Millimeters
ENVIRONMENTAL
Thermal Protection: Shuts down power supply if overheated. Automatic recovery.
Temperature Range: 0° to 40°C at full ratings.Output power linearly derated to 50% at 70°C.
Safety Agencies: UL1950; CSA 22.2 #950; VDE 0805 / EN 60950 CE markings to low voltage
directive – All pending.
Conducted RFI: Meets FCC Part 151 Class B. EN 55022/B.
Output Isolation: Isolated from ground 50 Vdc.
Cooling: 30 CFM required to achieve full ratings.
OPTIONS:
Option CF: Available with enclosed cover and fan.
Consult factory for other available options.
PBO-200
2.7 lbs - 1.4 kgs
Molex part #
22 - 23 - 2021
mates with Molex
part # 22 - 01 - 3027



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com