Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI-200 Datasheet(PDF) 1 Page - SL Power Electronics

Part # PCI-200
Description  200 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PCI-200 Datasheet(HTML) 1 Page - SL Power Electronics

  PCI-200 Datasheet HTML 1Page - SL Power Electronics PCI-200 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com
MODEL
PWR
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
PCI 204-1203
200
+5V @ 30A*
+3.3V @ 20A*
+12V @ 5A**
-12V @ 5A**
STANDARD PCI SERIES
The PCI 204 power supply series
provides simultaneous high currents
on both 5 V and 3.3 V outputs. The
load may be shifted between outputs.
For example: the PCI 204-1203 may
be loaded at +5 V @ 25 A and 3.3 V
@ 5 A, or 5 V @ 10 A and 3.3 V @
20 A, or any other combination of
loads within the maximum ratings.
Similarly the ±12 V may be loaded
in any combination not exceeding
maximum ratings.
The PCI series provides a single
solution as system configurations
proliferate, thereby reducing cycle
time and cost.
200 WATTS
POWER FACTOR CORRECTED
MULTIPLE OUTPUT
PCI-200
Featuring:
• Dual main outputs
• Flexible ratings
• 5 V “Keep Alive” bias output
• Universal AC input
• 0.99 typical power factor
• Remote sense on main outputs
• DC power good and AC power fail
• True remote inhibit
• High-current bus bars
* Combined rating, sum of output currents of outputs #1 & #2 equals 30 A.
** Combined rating, sum of output currents of outputs #3 & #4 equals 5 A.


Similar Part No. - PCI-200

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
PCI-2TE VIGO-PCI-2TE Datasheet
797Kb / 2P
1.0 – 15.0 μm HgCdTe two-stage thermoelectrically cooled, optically immersed photoconductive detectors
08/11/2020
PCI-2TE-10.6 VIGO-PCI-2TE-10.6 Datasheet
797Kb / 2P
1.0 – 15.0 μm HgCdTe two-stage thermoelectrically cooled, optically immersed photoconductive detectors
08/11/2020
PCI-2TE-12 VIGO-PCI-2TE-12 Datasheet
797Kb / 2P
1.0 – 15.0 μm HgCdTe two-stage thermoelectrically cooled, optically immersed photoconductive detectors
08/11/2020
PCI-2TE-13 VIGO-PCI-2TE-13 Datasheet
797Kb / 2P
1.0 – 15.0 μm HgCdTe two-stage thermoelectrically cooled, optically immersed photoconductive detectors
08/11/2020
PCI-2TE-5 VIGO-PCI-2TE-5 Datasheet
797Kb / 2P
1.0 – 15.0 μm HgCdTe two-stage thermoelectrically cooled, optically immersed photoconductive detectors
08/11/2020
More results

Similar Description - PCI-200

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PFC200 RSG-PFC200 Datasheet
180Kb / 2P
200 WATT POWER FACTOR CORRECTED SUPPLIES
logo
SL Power Electronics
NMX-350 SLPOWER-NMX-350 Datasheet
104Kb / 2P
350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-500 SLPOWER-NMX-500 Datasheet
123Kb / 2P
500 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-750 SLPOWER-NMX-750 Datasheet
82Kb / 2P
750 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-1000 SLPOWER-NMX-1000 Datasheet
72Kb / 2P
1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
PBO-200 SLPOWER-PBO-200 Datasheet
88Kb / 2P
200 WATTS POWER FACTOR CORRECTED WIDE RANGE ADJUSTABLE MULTIPLE OUTPUTS
PCI-300 SLPOWER-PCI-300 Datasheet
116Kb / 2P
300 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT
RMX-350 SLPOWER-RMX-350 Datasheet
201Kb / 2P
350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, HOT SWAP
SPH-1200 SLPOWER-SPH-1200 Datasheet
89Kb / 2P
1200 WATTS POWER FACTOR CORRECTED SINGLE OUTPUT, HOT SWAP
TCM-1000 SLPOWER-TCM-1000 Datasheet
125Kb / 2P
1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com