Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44121 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44121
Description  SMB Jack Right Angle Connector Solder Attachment Surface Mount PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44121 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44121 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44121 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44121 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMB Jack Right Angle Connector Solder Attachment Surface Mount PCB
Configuration
Connector
SMB Jack
Connector Interface Type
Surface Mount
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.491 [12.47]
Width/Dia., in [mm]
0.28 [7.11]
Height, in [mm]
0.325 [8.26]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMB Jack
Mating Cycles
500
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Jack Right Angle Connector Solder Attachment Surface Mount PCB PE44121
PE44121
PE44121 REV 01
SMB Jack Right Angle Connector Solder
Attachment Surface Mount PCB


Similar Part No. - PE44121

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4412 PASTERNACK-PE4412 Datasheet
241Kb / 2P
SMA Female Connector Crimp/solder Attachment For RG55,RG142,RG223,RG400
PE4412 PASTERNACK-PE4412 Datasheet
315Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE44120 PASTERNACK-PE44120 Datasheet
240Kb / 2P
SMC Jack Connector Solder Attachment Surface Mount PCB
PE44122 PASTERNACK-PE44122 Datasheet
221Kb / 3P
SMC Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE44123 PASTERNACK-PE44123 Datasheet
225Kb / 3P
SMB Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
More results

Similar Description - PE44121

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44119 PASTERNACK-PE44119 Datasheet
248Kb / 2P
SMB Jack Connector Solder Attachment Surface Mount PCB
PE44120 PASTERNACK-PE44120 Datasheet
240Kb / 2P
SMC Jack Connector Solder Attachment Surface Mount PCB
PE4890 PASTERNACK-PE4890 Datasheet
222Kb / 3P
MCX Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE44122 PASTERNACK-PE44122 Datasheet
221Kb / 3P
SMC Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE4174 PASTERNACK-PE4174_16 Datasheet
345Kb / 3P
SMB Jack Connector Solder Attachment Thru Hole PCB
PE4177 PASTERNACK-PE4177_16 Datasheet
347Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4179 PASTERNACK-PE4179_16 Datasheet
348Kb / 3P
75 Ohm SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4284 PASTERNACK-PE4284_16 Datasheet
317Kb / 3P
SMB Jack Right Angle Bulkhead Mount Connector Solder Attachment
PE45376 PASTERNACK-PE45376 Datasheet
361Kb / 4P
SSMC Jack Connector Solder Attachment Surface Mount PCB
PE45377 PASTERNACK-PE45377 Datasheet
364Kb / 4P
SSMC Jack Right Angle Connector Solder Attachment Surface Mount PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com