Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4400PC Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # R4400PC
Description  A MIPS R4400 RISC Microprocessor Multichip Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

R4400PC Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  R4400PC Datasheet HTML 1Page - Aeroflex Circuit Technology R4400PC Datasheet HTML 2Page - Aeroflex Circuit Technology R4400PC Datasheet HTML 3Page - Aeroflex Circuit Technology R4400PC Datasheet HTML 4Page - Aeroflex Circuit Technology R4400PC Datasheet HTML 5Page - Aeroflex Circuit Technology R4400PC Datasheet HTML 6Page - Aeroflex Circuit Technology R4400PC Datasheet HTML 7Page - Aeroflex Circuit Technology R4400PC Datasheet HTML 8Page - Aeroflex Circuit Technology R4400PC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
SCD4430 Rev A 11/18/96
7.0 Signal Descriptions
System Interface Signals
SysAD(63:0)
I/O
System address/data bus
: A 64 bit address and data
bus for communication between the processor and an
external agent
SysADC(7:0)
I/O
System address/data check bus:
An 8 bit bus contain-
ing check bits for the SysAD bus
SysCmd(8:0)
I/O
System command/identifier bus parity:
A 9 bit bus for
command and data identifier transmission between the
processor and an external agent
SysCmdP
I/O
System command /data identifier bus parity
: A single,
even parity bit for thr SysCmd bus
Validin*
I
Valid Input:
An external agent asserts ValidIn* when it
is driving a valid address or data on the SysAD bus and
a valid command or data identifier on the SysCmd bus
ValidOut*
O
Valid Output
: The processor asserts ValidOut* when it
is driving a valid address or data on the SysAD bus and
a valid command or data identifier on the SYSCMD bus
ExtRqst*
I
External Request:
An external agent asserts ExtRqst* to
request the use of the system interface. The processor
grants the request by asserting Release*
Release*
O
Release Interface:
In response to the assertion of
ExtRqst*, the processor asserts Release* to signal the
requesting device that the system interface is available
RdRdy*
I
Read ready:
The external agent asserts RdRdy*to indi-
cate that it can accept processor read, invalidate, or
update requests in both overlap and non-overlap mode
or can accept a read followed by a potential invalidate
or update request in the overlap mode
WrRdy*
I
Write ready:
An external agent asserts WrRdy* when it
can accept a processor write request
IvdAck*
I
Invalidate acknowledge:
An external agent asserts
IvdAck* to signal successful completion of a processor
invalidate or update request (MC only)
IvdErr*
I
Invalidate error
: An external agent asserts InvErr* to
signal unsuccessful completion of a processor invali-
date or update request(MC only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com