Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1345CMPC Datasheet(PDF) 2 Page - Agere Systems

Part # 1345CMPC
Description  1345-Type Receiver with Clock Recovery and Data Retiming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1345CMPC Datasheet(HTML) 2 Page - Agere Systems

  1345CMPC Datasheet HTML 1Page - Agere Systems 1345CMPC Datasheet HTML 2Page - Agere Systems 1345CMPC Datasheet HTML 3Page - Agere Systems 1345CMPC Datasheet HTML 4Page - Agere Systems 1345CMPC Datasheet HTML 5Page - Agere Systems 1345CMPC Datasheet HTML 6Page - Agere Systems 1345CMPC Datasheet HTML 7Page - Agere Systems 1345CMPC Datasheet HTML 8Page - Agere Systems 1345CMPC Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
2
Agere Systems Inc.
1345-Type Receiver with
Data Sheet
Clock Recovery and Data Retiming
January 2000
Description (continued)
The receiver converts optical signals in the range of
1.1
µm to 1.6 µm into retimed clock and data signals.
The clock and data outputs are raised-ECL (PECL)
logic levels. A CMOS-level flag output indicates when
there is a loss of optical signal.
The receiver requires a 5 V power supply for the ampli-
fier, logic, and PLL CRC circuits. The operating case
temperature range is –40 °C to +85 °C.
Pin 10
Pin 10 on the 1345-Type receiver is not an internally
connected (NIC) pin. This definition allows the 1345 to
be used in most customer 20-pin receiver module
applications. Customer’s printed-wiring boards that are
designed with ground, +5 V, –5 V, or no connection to
this pin are all acceptable options. For those applica-
tions that require monitoring the photocurrent of the
PIN photodetector for power monitoring purposes,
there are versions of the 1345 that require +5 V or –5 V
applied to Pin 10. Check Tables 3 and 4 for ordering
information.
Flag Output
When the optical input falls below the link status flag
switching threshold, the link status flag is deactivated
and its output logic level changes from a CMOS logic
HIGH to a CMOS logic LOW.
Squelched Data and Clock Outputs
In some versions of the 1345 receiver (see Table 4),
when the link status flag is deactivated, the data and
clock outputs are squelched (stop outputting a signal).
When this occurs, the DATA, DATA, CLOCK, and
CLOCK outputs switch to a constant dc output voltage
level of 1.3 V.
Nonsquelched Data and Clock Outputs
Agere Systems also manufactures nonsquelching ver-
sions of the 1345 receiver for those applications that
require the data and clock outputs to continue to func-
tion after the link status flag is deactivated. In those
versions of the receiver, when the link status flag is
deactivated, a signal will continue to appear at the
DATA, DATA, CLOCK, and CLOCK outputs. See Table 4
for nonsquelching codes.
1-724(C)
Figure 1. Block Diagram
FILTER
Si
PREAMPLIFIER
InGaAs
PIN
SILICON BIPOLAR
LIMITING AMPLIFIER
5 V
DATA
DATA
SILICON BIPOLAR
DECISION CIRCUIT
FLAG
PLL TIMING
RECOVERY UNIT
CLOCK
CLOCK
FLAG
OPTIONAL VPIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com