Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX32X0-2C Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # AX32X0-2C
Description  Binning and Labeling Connect directly in AC Power Saving Long Life Time
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AX32X0-2C Datasheet(HTML) 4 Page - Seoul Semiconductor

  AX32X0-2C Datasheet HTML 1Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 2Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 3Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 4Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 5Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 6Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 7Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 8Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Rev. 05
Rev. 05
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
4
Document No. : SSC-QP-7-07-24 (Rev.00)
Emitter
220V/230V
Pure White/Warm white
AW3220/AN3220
PCB
220V
Pure White/Warm white
AW3221/AN3221
PCB
230V
Pure White/Warm white
AW3231/AN3231
110V
100V
100V/110V
Operating Voltage [V]
AW3211/AN3211
AW3201/AN3201
AW3200/AN3200
Part Number
PCB
Pure White/Warm white
PCB
Pure White/Warm white
Emitter
Pure White/Warm white
Type
Color
2. Part Number of A3 products



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com