Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWAA8D1A Datasheet(PDF) 18 Page - Seoul Semiconductor

Part # SWAA8D1A
Description  Super high Flux output and high Luminance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWAA8D1A Datasheet(HTML) 18 Page - Seoul Semiconductor

Back Button SWAA8D1A Datasheet HTML 14Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 15Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 16Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 17Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 18Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 19Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 20Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 21Page - Seoul Semiconductor SWAA8D1A Datasheet HTML 22Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
Rev. 01
Rev. 01
September 2012
September 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
서식번호 : SSC-QP-7-07-18 (Rev.00)
* Note
User’s Power Consumption means total power including resistor.
The Rtotal could be different by user’s operating conditions such as temperature,
device tolerance, etc.
* Note
User’s Power Consumption means total power including resistor.
The Rtotal could be different by user’s operating conditions such as temperature,
device tolerance, etc.
12.8
474
15.1
240
14.8
384
17.3
240
10.8
608
13.0
240
8.8
802
10.8
240
Actual LED
Power Consumption (W)
Rtotal (Ω)
Total
Power Consumption (W)
-Power Factor is reflected
Input Voltage (V)
LED Emitter
User side
12.8
600
15.8
250
15.0
474
18.0
250
10.8
760
13.5
250
8.8
988
11.3
250
Actual LED
Power Consumption (W)
Rtotal (Ω)
Total
Power Consumption (W)
-Power Factor is reflected
Input Voltage (V)
LED Emitter
User side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com