Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW174KB Datasheet(PDF) 1 Page - SL Power Electronics

Part # PW174KB
Description  Universal 60 ??65 Watt Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW174KB Datasheet(HTML) 1 Page - SL Power Electronics

  PW174KB Datasheet HTML 1Page - SL Power Electronics PW174KB Datasheet HTML 2Page - SL Power Electronics PW174KB Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
______________________________________________________________________________________________________________________________
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
F
Input Receptacle. See Below for options. "F" receptacle (IEC320, C14 type, grounded) is noted above.
01
Modification Designator. "01" is standared part, "02" and higher denotes a modified model.
PW174
Product Family
K
Manufacturing Location
B
Design Revision Changes
12
Output Voltage
03
Output Connector. "03" connector is standard. See below. Other output connectors available.
Specifications
All Specifications are typical at nominal input, full load at 25°C unless otherwise stated.
AC Input
100-240VAC, -/-10%, 47-63 Hz, 1∅.
MTBF
>100,000 hours (calculated)
Input Current
90VAC: 1.5A
Hold-up Time
18 ms min. @ 120VAC
Inrush Current
Inrush limiting provided.
Overvoltage Protection
Built-in
Input Fuses
Internal Primary Current Fuse is provided.
Overload Protection
Hiccup Mode
Efficiency
Meet EISA Requirements – see page 2
Short Circuit Protection
Hiccup Mode
Output Voltage
See chart.
Topology
Switching – Fixed Frequency Flyback
Output Power
See chart
Approvals and Safety Standards
EN/IEC/CSA/UL60950-1, EMC: EN55022/55024/61000
Ripple and Noise
1% pk-pk max., 20MHz BW
Dielectric Withstand
Input-Output: 3000VAC, Input-GND: 1500VAC, Output-GND: 500VDC
Line & Load Voltage Regulation
Excluding Cord: Line: +/- 1%, Load: +/-5%.
Operating Temperature
0° to 40°C, no derating
Transient Response
500µs max., 50% load step, typical
Storage Temperature
-30 to +85°C.
Minimum Load
Not required.
Relative Humidity
5% to 95%, non-condensing
Case Material:
Black 94V0 Polycarbonate
Altitude
0 to 10,000 ft.
Case Dimensions:
See outline drawing.
Output Connections:
Cable: 18AWG, 1500mm, 2 conductor. Connector: 2.5mm barrel type
(Ault #3) connector, center contact (+). Other connector options are
available.
PW174KB
Universal 60 – 65 Watt Series
ITE Switch-Mode Power Supply
3 Year Warranty
100-240VAC Universal Input
Desktop Style
9V to 48V Single Output Models, up to 65W
Modified and Custom Designs Available
Regulated Output with Low Ripple
Impact-Resistant Polycarbonate Enclosure
No load Power Consumption < 0.5W
Meets EISA Requirements (see next page for details).
Meets Energy Star Level IV


Similar Part No. - PW174KB

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PW170KB SLPOWER-PW170KB Datasheet
225Kb / 3P
Universal 10 ??15 Watt Series
PW170KB0503F01 SLPOWER-PW170KB0503F01 Datasheet
225Kb / 3P
Universal 10 ??15 Watt Series
PW170KB0603F01 SLPOWER-PW170KB0603F01 Datasheet
225Kb / 3P
Universal 10 ??15 Watt Series
PW170KB0903F01 SLPOWER-PW170KB0903F01 Datasheet
225Kb / 3P
Universal 10 ??15 Watt Series
PW170KB1203F01 SLPOWER-PW170KB1203F01 Datasheet
225Kb / 3P
Universal 10 ??15 Watt Series
More results

Similar Description - PW174KB

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA65U-120 PHIHONG-PSA65U-120 Datasheet
65Kb / 2P
60 Watt Universal Switching Adapter
PSA65U-301 PHIHONG-PSA65U-301 Datasheet
329Kb / 2P
60 Watt Universal Switching Adapter
PSAC60W-120 PHIHONG-PSAC60W-120 Datasheet
114Kb / 2P
60 Watt Universal 2-Wire Input Adapter
PSAA60W-150 PHIHONG-PSAA60W-150 Datasheet
100Kb / 2P
60 Watt Universal 2-Wire Input Adapter
logo
Volgen Kaga Electronics...
KTPS65-1250DT-3P VOLGEN-KTPS65-1250DT-3P Datasheet
113Kb / 2P
65 Watt Universal Input, Desktop Adapter
KTPS65-1543DT-3P-VI-C-P1 VOLGEN-KTPS65-1543DT-3P-VI-C-P1 Datasheet
546Kb / 3P
65 Watt Universal Input, Desktop Adapter
KTPS65-2427DT-3P VOLGEN-KTPS65-2427DT-3P Datasheet
113Kb / 2P
65 Watt Universal Input, Desktop Adapter
logo
Phihong USA Inc.
PSAC60M-120 PHIHONG-PSAC60M-120_17 Datasheet
89Kb / 3P
60 Watt Universal 3-Wire Input Adapter
logo
List of Unclassifed Man...
ATS065T-P120 ETC-ATS065T-P120 Datasheet
270Kb / 1P
65 Watt Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com