Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW180KA Datasheet(PDF) 1 Page - SL Power Electronics

Part # PW180KA
Description  Universal 20 Watt (Non-Compliant)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW180KA Datasheet(HTML) 1 Page - SL Power Electronics

  PW180KA Datasheet HTML 1Page - SL Power Electronics PW180KA Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PW180KA
Universal 20 Watt (Non-Compliant)
PoE / SMPS
Voltage
+48VDCTypical,44Vto57V
LoadRegulation
+/-4%,44Vto57V
RippleandNoise
f<500kHz
500mVp-p
500Hz-150kHz
200mVp-p
150kHz-500kHz
150mVp-p
500kHz-1MHz
100mVp-p
TransientResponse
0.5msfor50%
LoadchangeTypical
PinAssignment
(seepage2)
Output Specifications
Voltage
100-250VAC-10%,+6%
LineFrequency
47-63Hz
InputCurrent
90VACInput
0.5Amax.
Protection
InternalPrimaryCurrent
Fuse,InrushLimiting
Input Specifications
ThermalPerformance Operatingtemperature
0°Cto40°C
withnoderating
convectionalcooling,
Nonventedcase
RelativeHumidity
Non-condensing
5%to95%
Altitude
0-10,000feet
Environmental Specifications
StandByModeLED Green-
PowersupplyisON
(Singlecolor)
Topology
Switching-Fixed
FrequencyFlyback
Efficiency
70%min.
Dielectric
3,000VACor4,250VDC
Withstand
Primary-Secondary
StorageTemp
-30°Cto85°C
Approvalsand
UL60950-1,
SafetyStandards
IEC/EN60950-1
EMC:EN55022/55024
61000
Weight
5.6ounces,160grams
MTBF
100,000CalculatedHours
LeakageCurrent
Lessthan0.75mAat
265VAC50Hz
Spacing
6.4mmPrimary-Secondary
CaseandDimension
DesktopStyle
3.98Lx2.40Wx1.35H(in)
101.0Lx61.5Wx34.2H(mm)
CaseMaterial
Black94V0
Polycarbonate
CordandConnectors
DualRJ45Jacksbuiltinto
theenclosure.
General Specifications
Specifications
3 Year Warranty
• Power over Ethernet (PoE)
• Self Contained Midspan Power Injector
• 100-250VAC
• Desktop Style
• Single Output up to 20W
• Does Not Meet IEEE802.3af Requirements
• Regulated Output with Low Ripple
• CE Compliant
International Safety Standard Approvals
SL Power Electronics Corp • 6050 King Drive • Ventura, CA 93003 • Phone:805.486.4565 • Fax:805.487.8911 • Email:info@slpower.com • www.slpower.com


Similar Part No. - PW180KA

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PW180KB SLPOWER-PW180KB Datasheet
270Kb / 2P
Power over Ethernet IEEE802.3af Compliant
More results

Similar Description - PW180KA

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PENT1040A SLPOWER-PENT1040A Datasheet
258Kb / 2P
Universal 40 Watt (IEEE802.3af Non-Compliant)
PENT1040C SLPOWER-PENT1040C Datasheet
257Kb / 2P
Universal 40 Watt (IEEE802.3af Non-Compliant)
PW182RA SLPOWER-PW182RA Datasheet
308Kb / 2P
Universal 19 Watt (IEEE802.3af Non-Compliant)
PW182RB SLPOWER-PW182RB Datasheet
309Kb / 2P
Universal 17 Watt (IEEE802.3af Compliant)
PW182RC SLPOWER-PW182RC Datasheet
307Kb / 2P
Universal 19 Watt (IEEE802.3af Non-Compliant)
PW182RD SLPOWER-PW182RD Datasheet
308Kb / 2P
Universal 17 Watt (IEEE802.3af Compliant)
PW183RA SLPOWER-PW183RA Datasheet
310Kb / 2P
Universal 32 Watt (IEEE802.3af Non-Compliant)
PW183RB SLPOWER-PW183RB Datasheet
312Kb / 2P
Universal 30 Watt (IEEE802.3af Compliant)
PW183RC SLPOWER-PW183RC Datasheet
309Kb / 2P
Universal 32 Watt (IEEE802.3af Non-Compliant)
PW183RD SLPOWER-PW183RD Datasheet
309Kb / 2P
Universal 30 Watt (IEEE802.3af Compliant)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com