Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW180KB Datasheet(PDF) 2 Page - SL Power Electronics

Part # PW180KB
Description  Power over Ethernet IEEE802.3af Compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW180KB Datasheet(HTML) 2 Page - SL Power Electronics

  PW180KB Datasheet HTML 1Page - SL Power Electronics PW180KB Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PW180KB
Power over Ethernet IEEE802.3af Compliant
Power over Ethernet (PoE) / SMPS
Output
Max
Ripple
Ault Part Number
Voltage
Min
Max
Watts
Vp-p max.
PW180KB4800_01
48V
0.00A
0.35A
15.4W
480mV
Output Currents
SL Power Electronics Corp 6050 King Drive Ventura CA, 93003 Phone:805.486.4565 Fax:805.487.8911 Email:info@slpower.com www.slpower.com
DataSheet©2006SLPowerElectronicsCorp.Theinformationandspecificationscontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.
However,SLPoweracceptsnoresponsibilityforconsequencesarisingfromreproductionerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
Rev.9/28/06
J1Pins
J2Pins
1.DataPair1
1.DataPair1
2.DataPair1
2.DataPair1
3.DataPair2
3.DataPair2
4.+VDC
4.NoConnection
5.+VDC
5.NoConnection
6.DataPair2
6.DataPair2
7.-VDC
7.NoConnection
8.-VDC
8.NoConnection
Pin Connections
8 7 6 5 4 3 2 1
8 7 6 5 4 3 2 1
J1
J2
For the most current data and application support visit www.slpower.com
SpecifytheInputConfigurationCodeinyourorder.
Input Configuration
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
PW180
K
B
48
00
_
01
Product
Manufacturing
Design
Voltage
Connector
Input
Standard
Family
Location
Revision
DC
Number
Configuration/
(nomodifications
Name
Changes
ModelType
orspecialpackaging)
Ault Part Number Key



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com