Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAVLC6-1BV2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDAVLC6-1BV2
Description  Bidirectional device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC6-1BV2 Datasheet(HTML) 6 Page - STMicroelectronics

  ESDAVLC6-1BV2 Datasheet HTML 1Page - STMicroelectronics ESDAVLC6-1BV2 Datasheet HTML 2Page - STMicroelectronics ESDAVLC6-1BV2 Datasheet HTML 3Page - STMicroelectronics ESDAVLC6-1BV2 Datasheet HTML 4Page - STMicroelectronics ESDAVLC6-1BV2 Datasheet HTML 5Page - STMicroelectronics ESDAVLC6-1BV2 Datasheet HTML 6Page - STMicroelectronics ESDAVLC6-1BV2 Datasheet HTML 7Page - STMicroelectronics ESDAVLC6-1BV2 Datasheet HTML 8Page - STMicroelectronics ESDAVLC6-1BV2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Recommendation on PCB assembly
ESDAVLC6-1BV2
6/9
Doc ID 023822 Rev 1
4
Recommendation on PCB assembly
4.1
Stencil opening design
Stencil opening thickness: 80 µm
Figure 10.
Recommended stencil window position
4.2
Solder paste
1.
Use halide-free flux, qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste recommended.
3.
Offers a high tack force to resist component displacement during PCB movement.
4.
Solder paste with fine particles: type 4 (powder particle size 20-38 µm per
IPC J-STD-005).
4.3
Placement
1.
Manual positioning is not recommended.
2.
It is recommended to use the lead recognition capabilities of the placement system, not
the outline centering.
3.
Tolerance of ± 0.02 mm is recommended.
225
160
160
125
50
225
62.5
32.5
20
45
32.5
PCB lands
Solder lands
Stencil lands



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com