Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2016A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C2016A
Description  HOOK-UP WIRE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C2016A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C2016A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT DATA SHEET
Part Number:
C2016A
Revision Level:
02
Date:
March 8, 2006
1C 22 7/30 TC PVC INS
HOOK-UP WIRE
A.
CONSTRUCTION
DIAMETERS
1)
CONDUCTOR:
#22 AWG 7/30 Tinned Copper
0.030” nom.
2)
INSULATION:
0.016” Wall Polyvinyl Chloride
0.062” +/- 0.003”
3)
PRINT LEGEND:
CAROL A 22 AWG RU AWM 80C VW-1 E18621-8 --- CSA LL69381 TR64 90C --
- MADE IN USA
B.
INDUSTRY APPROVALS
UL Subject 758
AWM Style 1007, 1569
CSA International
Type TR64
C.
ELECTRICAL PROPERTIES
1)
TEMPERATURE:
80 C
2)
SUGGESTED WORKING VOLTAGE (Vrms):
300Vrms
3)
CONDUCTOR D.C. RESISTANCE:
16.6 Ohms/1000 ft. nom. @ 20 C
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C2016A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2016 ETC2-C2016 Datasheet
357Kb / 1P
HEYCo-molded Liquid Tight Break-Thru Plugs
logo
Heyco.
C2016 HEYCO-C2016 Datasheet
100Kb / 1P
HEYCo-molded™ Liquid Tight Break-Thru Plugs
C2016 HEYCO-C2016 Datasheet
99Kb / 1P
HEYCo-molded™ Liquid Tight Break-Thru Plugs
C2016 HEYCO-C2016 Datasheet
116Kb / 1P
Feets of Strength
logo
General Cable Technolog...
C2016.12.03 GENERAL-C2016.12.03 Datasheet
75Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: 7/30
More results

Similar Description - C2016A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2003A GENERAL-C2003A Datasheet
73Kb / 1P
HOOK-UP WIRE
C2015A GENERAL-C2015A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2040A GENERAL-C2040A Datasheet
58Kb / 1P
HOOK UP WIRE
C2052A GENERAL-C2052A Datasheet
73Kb / 1P
HOOK-UP WIRE
C2053A GENERAL-C2053A Datasheet
73Kb / 1P
HOOK-UP WIRE
C2101A GENERAL-C2101A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2103A GENERAL-C2103A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2106A GENERAL-C2106A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2117A GENERAL-C2117A Datasheet
80Kb / 1P
HOOK-UP WIRE
logo
Alpha Wire
3047 ALPHAWIRE-3047 Datasheet
2Mb / 49P
Hook-Up Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com