Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4540 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4540
Description  SMA Female Hermetically Sealed Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4540 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4540 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4540 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4540 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female Hermetically Sealed Connector Solder Attachment
4 Hole Flange Pin Terminal, .340 inch Hole Spacing
SMA Female Hermetically Sealed Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch
Hole Spacing
Configuration
Connector
SMA Female
Connector Interface Type
Pin
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Isolated Ground / Hermetic
Hermetically Sealed
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.49 [12.45]
Width/Dia., in [mm]
0.5 [13]
Height, in [mm]
0.5 [12.7]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Body Material and Plating
Stainless Steel, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Hermetically Sealed Connector Solder Attachment 4 Hole Flange Pin Terminal,
.340 inch Hole Spacing PE4540
PE4540
PE4540 REV


Similar Part No. - PE4540

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4540 PASTERNACK-PE4540 Datasheet
323Kb / 3P
SMA Female Hermetically Sealed Connector Solder Attachment
PE45400 PASTERNACK-PE45400 Datasheet
785Kb / 6P
2.92mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PE45401 PASTERNACK-PE45401 Datasheet
787Kb / 6P
2.4mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PE45402 PASTERNACK-PE45402 Datasheet
776Kb / 6P
1.85mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PE45403 PASTERNACK-PE45403 Datasheet
827Kb / 6P
1.0mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
More results

Similar Description - PE4540

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44236 PASTERNACK-PE44236 Datasheet
213Kb / 2P
SMA Female Right Angle Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4541 PASTERNACK-PE4541 Datasheet
296Kb / 3P
SMA Male Herrmetically Sealed Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4186 PASTERNACK-PE4186 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
PE44218 PASTERNACK-PE44218 Datasheet
215Kb / 3P
2.4mm Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4355 PASTERNACK-PE4355 Datasheet
251Kb / 2P
N Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4217 PASTERNACK-PE4217 Datasheet
379Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
PE44200 PASTERNACK-PE44200 Datasheet
220Kb / 3P
RT SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4866 PASTERNACK-PE4866 Datasheet
218Kb / 3P
RP SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4186 PASTERNACK-PE4186_17 Datasheet
799Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Tab Terminal, .340 inch Hole Spacing
PE4217 PASTERNACK-PE4217_16 Datasheet
351Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com