Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4550 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4550
Description  N Male Connector Crimp/Solder Attachment For PEB400 PE-B405, PE-C400, LMR-400, 0.400 inch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4550 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4550 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4550 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4550 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male Connector Crimp/Solder Attachment For PE-
B400, PE-B405, PE-C400, LMR-400, 0.400 inch
N Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, 0.400 inch
Configuration
Connector
N Male
Connector Specification
MIL-STD-348A
Connector Interface Type
PE-B400,PE-B405,PE-C400,LMR-400,0.400 inch
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.505 [38.23]
Width/Dia., in [mm]
0.827 [21]
Weight, lbs [g]
0.082 [37.19]
Connector
Type
N Male
Contact Material and Plating
Brass, Silver
Contact Plating Specification
70µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400,
0.400 inch PE4550
PE4550
PE4550 REV


Similar Part No. - PE4550

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4550 PASTERNACK-PE4550 Datasheet
358Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4550 PASTERNACK-PE4550_17 Datasheet
358Kb / 3P
N Male Connector Crimp/Solder Attachment
More results

Similar Description - PE4550

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44293 PASTERNACK-PE44293 Datasheet
229Kb / 3P
TNC Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE44054 PASTERNACK-PE44054 Datasheet
206Kb / 2P
UHF Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE44534 PASTERNACK-PE44534 Datasheet
213Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE44294 PASTERNACK-PE44294 Datasheet
170Kb / 2P
BNC Male Connector Crimp-Solder Attachment For LMR-400, PE-C400
PE44470 PASTERNACK-PE44470 Datasheet
206Kb / 2P
RP N Male Connector Crimp-Solder Attachment For PE-B400, PE-B405, PE-C400
PE44522 PASTERNACK-PE44522 Datasheet
256Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
PE44666 PASTERNACK-PE44666 Datasheet
215Kb / 3P
RP SMA Male Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44667 PASTERNACK-PE44667 Datasheet
211Kb / 2P
RP SMA Female Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44668 PASTERNACK-PE44668 Datasheet
217Kb / 2P
SMA Male Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
PE44673 PASTERNACK-PE44673 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com