Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW7T16A Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # STW7T16A
Description  White colored SMT package Pb-free Reflow Soldering Application
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW7T16A Datasheet(HTML) 4 Page - Seoul Semiconductor

  STW7T16A Datasheet HTML 1Page - Seoul Semiconductor STW7T16A Datasheet HTML 2Page - Seoul Semiconductor STW7T16A Datasheet HTML 3Page - Seoul Semiconductor STW7T16A Datasheet HTML 4Page - Seoul Semiconductor STW7T16A Datasheet HTML 5Page - Seoul Semiconductor STW7T16A Datasheet HTML 6Page - Seoul Semiconductor STW7T16A Datasheet HTML 7Page - Seoul Semiconductor STW7T16A Datasheet HTML 8Page - Seoul Semiconductor STW7T16A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SSC- QP- 7- 07- 24 (Rev.00)
Rev.04
Rev.04
December 2011
December 2011
www.seoulsemicon.com
www.seoulsemicon.com
3. Electro-Optical characteristics
ºC/W
-
22
-
IF=60mA
RthJS
Thermal resistance
[3]
K
7,000
-
4,700
IF=60mA
CCT
Color Correlated Temperature
deg.
-
120
-
IF=60mA
2
Θ
1/2
Viewing Angle
[2]
KV
-
-
5
1.5k
Ω;100pF
ESD (HBM)
-
85
-
75
IF=60mA
Ra
Color Rendering Index*
Cd
-
7.0
-
IF=60mA
Iv
Luminous Intensity*
[1]
(4,700~7,000 K)
V
1.2
0.9
-
IR=5mA
VR
Reverse Voltage
V
3.4
3.1
2.9
IF=60mA
VF
Forward Voltage
Unit
Max.
Typ.
Min.
Condition
Symbol
Parameter
[1] The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned
with the mechanical axis of the LED package.
[2] 2
Θ1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
[3] Thermal resistance: RthJS (Junction / solder)
* Tolerance : VF :± 0.1V, IV :± 10%, Ra :± 3, x,y :± 0.01
[Note] All measurements were made under the standardized environment of SSC.
℃
125
Tj
Junction Temperature
℃
-40~+100
Tstg
Storage Temperature
℃
-40~+85
Topr
Operating Temperature
mA
90
IF
Forward Current
mW
315
Pd
Power Dissipation
Unit
Value
Symbol
Parameter
[1] Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
* LED’s properties might be different from suggested values like above and below tables if operation condition
will be exceeded our parameter range.
2. Absolute maximum ratings [1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com