Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4615 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4615
Description  75 Ohm BNC Female Connector Clamp/Solder Attachment For RG179, RG187
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4615 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4615 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4615 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Female Connector Clamp/Solder Attachment For RG179, RG187
Configuration
Connector
BNC Female
Connector Interface Type
RG179,RG187
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.13 [28.7]
Width/Dia., in [mm]
0.57 [14.48]
.
Weight, lbs [g]
0.048 [21.77]
Connector
Type
BNC Female
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm BNC Female Connector Clamp/Solder Attachment For RG179, RG187 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Female Connector Clamp/Solder Attachment For RG179, RG187 PE4615
URL: http://www.pasternack.com/bnc-female-standard-rg179-rg187-connector-pe4615-p.aspx
PE4615
PE4615 REV
75 Ohm BNC Female Connector Clamp/
Solder Attachment For RG179, RG187


Similar Part No. - PE4615

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4610 PASTERNACK-PE4610 Datasheet
220Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment For RG179, RG187
PE4610 PASTERNACK-PE4610 Datasheet
321Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
PE4610 PASTERNACK-PE4610_16 Datasheet
321Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
PE4611 PASTERNACK-PE4611 Datasheet
226Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG6
PE4611 PASTERNACK-PE4611 Datasheet
333Kb / 3P
75 Ohm BNC Female Connector Clamp/ Solder Attachment
More results

Similar Description - PE4615

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4604 PASTERNACK-PE4604 Datasheet
311Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG179, RG187
PE4609 PASTERNACK-PE4609 Datasheet
344Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PE4928 PASTERNACK-PE4928 Datasheet
254Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG179, RG187
PE4616 PASTERNACK-PE4616 Datasheet
237Kb / 3P
75 Ohm BNC Female Connector Crimp/Solder Attachment For RG179, RG187
PE4257 PASTERNACK-PE4257 Datasheet
217Kb / 2P
75 Ohm SMB Plug Connector Clamp/Solder Attachment For RG179, RG187
PE4603 PASTERNACK-PE4603 Datasheet
286Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG179, RG187
PE4259 PASTERNACK-PE4259 Datasheet
307Kb / 2P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG179, RG187
PE4513 PASTERNACK-PE4513 Datasheet
118Kb / 1P
75 OHM N MALE CLAMP ATTACHMENT FOR RG179 &RG187
PE4929 PASTERNACK-PE4929 Datasheet
207Kb / 2P
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG179, RG187
PE4906 PASTERNACK-PE4906 Datasheet
312Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Clamp - Solder Attachment For RG179, RG187
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com