Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4646 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4646
Description  N Female Connector Clamp/Solder Attachment For RG218
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4646 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4646 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4646 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female Connector Clamp/Solder Attachment For RG218
Configuration
Connector
N Female
Connector Specification
MIL-C-39012
Connector Interface Type
RG218
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
2.28 [57.91]
Width/Dia., in [mm]
1.31 [33.27]
.
Weight, lbs [g]
0.323 [146.51]
Connector
Type
N Female
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Female Connector Clamp/Solder Attachment For RG218 from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Clamp/Solder Attachment For RG218 PE4646
URL: http://www.pasternack.com/n-female-standard-rg218-connector-pe4646-p.aspx
PE4646
PE4646 REV
N Female Connector Clamp/Solder Attachment For RG218


Similar Part No. - PE4646

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4640 PASTERNACK-PE4640 Datasheet
322Kb / 3P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For RG179, RG187, .480 inch D Hole
PE4641 PASTERNACK-PE4641 Datasheet
218Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For PE-B150, .480 inch D Hole
PE4642 PASTERNACK-PE4642 Datasheet
212Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp/ Solder Attachment For PE-B305, .480 inch D Hole
PE4643 PASTERNACK-PE4643 Datasheet
291Kb / 3P
BNC Male Connector Crimp - Solder Attachment For RG178, RG196
PE4644 PASTERNACK-PE4644 Datasheet
289Kb / 3P
Mini UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole, Rear Mount
More results

Similar Description - PE4646

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4323 PASTERNACK-PE4323 Datasheet
351Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG218, RG219
PE4433 PASTERNACK-PE4433 Datasheet
215Kb / 2P
N Male Connector Clamp/Solder Attachment For RG218
PE44277 PASTERNACK-PE44277 Datasheet
217Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG218
PE44451 PASTERNACK-PE44451 Datasheet
237Kb / 3P
LC Female Connector Clamp/Solder Attachment For RG218
PE4977 PASTERNACK-PE4977 Datasheet
236Kb / 3P
SC Male Connector Clamp/Solder Attachment For RG218
PE4476 PASTERNACK-PE4476 Datasheet
218Kb / 2P
HN Male Connector Clamp-Solder Attachment For RG17, RG218
PE4954 PASTERNACK-PE4954 Datasheet
226Kb / 2P
C Male Connector Clamp-Solder Attachment For RG218
PE44449 PASTERNACK-PE44449 Datasheet
222Kb / 3P
LC Male Right Angle Connector Clamp - Solder Attachment For RG218
PE4061 PASTERNACK-PE4061_16 Datasheet
405Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4372 PASTERNACK-PE4372_16 Datasheet
318Kb / 3P
N Female Connector Clamp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com