Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4716 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4716
Description  RP BNC Male Connector Crimp/Solder Attachment For RG58
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4716 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4716 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4716 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP BNC Male Connector Crimp/Solder Attachment For RG58
Configuration
Connector
BNC Male Reverse Polarity
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.085 [27.56]
Width/Dia., in [mm]
0.57 [14.48]
.
Weight, lbs [g]
0.02 [9.07]
Connector
Type
BNC Male Reverse Polarity
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP BNC Male Connector Crimp/Solder Attachment For RG58 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP BNC Male Connector Crimp/Solder Attachment For RG58 PE4716
URL: http://www.pasternack.com/bnc-male-reverse-polarity-rg58-connector-pe4716-p.aspx
PE4716
PE4716 REV
RP BNC Male Connector Crimp/Solder Attachment For RG58


Similar Part No. - PE4716

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4710 PASTERNACK-PE4710 Datasheet
98Kb / 1P
MHV MALE RIGHT ANGLE CLAMP ATTACHMENT FOR RG174, RG188 &RG316
PE4711 PASTERNACK-PE4711 Datasheet
478Kb / 3P
RP BNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4712 PASTERNACK-PE4712 Datasheet
85Kb / 1P
REVERSE POLARITY BNC MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4713 PASTERNACK-PE4713 Datasheet
208Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4714 PASTERNACK-PE4714 Datasheet
237Kb / 3P
RP BNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE4716

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4678 PASTERNACK-PE4678 Datasheet
226Kb / 2P
RP TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4718 PASTERNACK-PE4718 Datasheet
254Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE4720 PASTERNACK-PE4720 Datasheet
274Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4381 PASTERNACK-PE4381 Datasheet
244Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG58 Plenum
PE4686 PASTERNACK-PE4686 Datasheet
257Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG58
PE4713 PASTERNACK-PE4713 Datasheet
208Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4738 PASTERNACK-PE4738 Datasheet
207Kb / 2P
RP BNC Female Connector Crimp/Solder Attachment For RG58
PE4070 PASTERNACK-PE4070 Datasheet
260Kb / 2P
BNC Female Connector Crimp/Solder Attachment For RG58
PE4730 PASTERNACK-PE4730 Datasheet
230Kb / 3P
RP BNC Male Right Angle Connector Crimp - Solder Attachment For RG58
PE4156 PASTERNACK-PE4156 Datasheet
268Kb / 3P
TNC Male Connector Crimp - Solder Attachment For RG58
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com