Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4528 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4528
Description  SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .235 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4528 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4528 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4528 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Bulkhead Hermetically Sealed Connector
Solder Attachment Stub Terminal, .235 inch D Hole
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .235 inch D
Hole
Configuration
Connector
SMA Female
Connector Interface Type
Stub
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Hermetically Sealed
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.62 [15.75]
Width/Dia., in [mm]
0.437 [11]
.
Weight, lbs [g]
0.008 [3.63]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Body Material and Plating
Stainless Steel, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .235 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .235
inch D Hole PE4528
URL: http://www.pasternack.com/sma-female-standard-stub-terminal-connector-pe4528-p.aspx
PE4528
PE4528 REV


Similar Part No. - PE4528

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4528 PASTERNACK-PE4528 Datasheet
803Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE45282 PASTERNACK-PE45282 Datasheet
681Kb / 3P
SMA Male Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
PE45284 PASTERNACK-PE45284 Datasheet
381Kb / 3P
QMA Male Right Angle Connector Crimp/Solder Attachment for RG174, RG316, RG188
PE45285 PASTERNACK-PE45285 Datasheet
369Kb / 4P
SMP Female Push-On Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
More results

Similar Description - PE4528

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44344 PASTERNACK-PE44344 Datasheet
216Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4219 PASTERNACK-PE4219 Datasheet
235Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Front Mount
PE4529 PASTERNACK-PE4529 Datasheet
299Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .093 inch Max Panel
PE4532 PASTERNACK-PE4532 Datasheet
212Kb / 2P
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4354 PASTERNACK-PE4354 Datasheet
260Kb / 3P
SMA Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole
PE4300 PASTERNACK-PE4300 Datasheet
221Kb / 3P
SMA Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole
PE4101 PASTERNACK-PE4101 Datasheet
253Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Rear Mount
PE4189 PASTERNACK-PE4189 Datasheet
204Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4524 PASTERNACK-PE4524 Datasheet
259Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Thru Hole PCB, .235 inch D Hole
PE4531 PASTERNACK-PE4531 Datasheet
220Kb / 3P
SMA Male Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com