Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4748 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4748
Description  RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4748 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4748 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4748 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole
Configuration
Connector
BNC Female Reverse Polarity
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.428 [36.27]
Width/Dia., in [mm]
0.688 [17.48]
.
Weight, lbs [g]
0.048 [21.77]
Connector
Type
BNC Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole
PE4748
URL: http://www.pasternack.com/bnc-female-reverse-polarity-rg58-connector-pe4748-p.aspx
PE4748
PE4748 REV
RP BNC Female Bulkhead Connector Crimp/Solder
Attachment For RG58, .480 inch D Hole


Similar Part No. - PE4748

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4740 PASTERNACK-PE4740 Datasheet
260Kb / 2P
RP BNC Female Connector Clamp/Solder Attachment For RG59, RG62
PE4741 PASTERNACK-PE4741 Datasheet
103Kb / 1P
REVERSE POLARITY BNC FEMALE CLAMP ATTACHMENT FOR RG174 RG188 & RG316
PE4742 PASTERNACK-PE4742 Datasheet
219Kb / 2P
RP BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4743 PASTERNACK-PE4743 Datasheet
102Kb / 1P
PASTERNACK ENTERPRISES
PE4744 PASTERNACK-PE4744 Datasheet
104Kb / 1P
PASTERNACK ENTERPRISES
More results

Similar Description - PE4748

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4746 PASTERNACK-PE4746 Datasheet
266Kb / 2P
RP BNC Female Bulkhead Connector Clamp/ Solder Attachment For RG55, RG58, RG141RG142, RG223, RG400, .480 inch D Hole
PE4750 PASTERNACK-PE4750 Datasheet
259Kb / 2P
RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4752 PASTERNACK-PE4752 Datasheet
290Kb / 3P
RP BNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE4309 PASTERNACK-PE4309 Datasheet
256Kb / 2P
BNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4749 PASTERNACK-PE4749 Datasheet
273Kb / 2P
RP BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4151 PASTERNACK-PE4151 Datasheet
268Kb / 2P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole
PE4696 PASTERNACK-PE4696 Datasheet
266Kb / 2P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole
PE4738 PASTERNACK-PE4738 Datasheet
207Kb / 2P
RP BNC Female Connector Crimp/Solder Attachment For RG58
PE4764 PASTERNACK-PE4764 Datasheet
219Kb / 3P
RP BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE44658 PASTERNACK-PE44658 Datasheet
219Kb / 2P
BNC Female Bulkhead Connector Crimp-Solder Attachment For RG178, RG196, .480 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com