Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4805 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4805
Description  D-Sub Receptacle Contact Solder Attachment For RG174, RG316, RG187, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4805 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4805 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4805 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Receptacle Contact Solder Attachment For RG174, RG316, RG187, RG188
Configuration
Connector
D-Sub Receptacle
Connector Interface Type
RG174,RG316,RG187,RG188
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.94 [23.88]
Width/Dia., in [mm]
0.22 [5.59]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Receptacle
Contact Material and Plating
Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Receptacle Contact Solder Attachment For RG174, RG316, RG187, RG188 from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Receptacle Contact Solder Attachment For RG174, RG316, RG187, RG188 PE4805
URL: http://www.pasternack.com/d-sub-receptacle-standard-rg174-rg316-rg187-rg188-connector-pe4805-p.aspx
PE4805
PE4805 REV
D-Sub Receptacle Contact Solder Attachment
For RG174, RG316, RG187, RG188


Similar Part No. - PE4805

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4800 PASTERNACK-PE4800 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG58,RG141,RG303
PE4801 PASTERNACK-PE4801 Datasheet
203Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG174, RG316, RG187, RG188
PE48010 PASTERNACK-PE48010 Datasheet
295Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch cable
A
PE48012 PASTERNACK-PE48012 Datasheet
287Kb / 3P
SMB Jack Connector Crimp Attachment for PEC195, PE-P195, LMR-195, 0.195 Inch Cable
A
PE48013 PASTERNACK-PE48013 Datasheet
282Kb / 3P
SMB Jack Right Angle Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch Cable
A
More results

Similar Description - PE4805

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4040 PASTERNACK-PE4040 Datasheet
89Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG174, RG188& RG316
PE4184 PASTERNACK-PE4184 Datasheet
90Kb / 1P
SSMA MALE SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE4428 PASTERNACK-PE4428 Datasheet
124Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 &RG316(CAPTIVE CONTACT)
PE44403 PASTERNACK-PE44403 Datasheet
111Kb / 1P
SSMA FEMALE SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE4817 PASTERNACK-PE4817 Datasheet
96Kb / 1P
D SUBMINIA TURE RIGHT ANGLE RECEPTACLE CRIMP ATTACHMENT FOR RG174 RG187 RG188 &RG316
PE4809 PASTERNACK-PE4809 Datasheet
280Kb / 2P
D-Sub Plug Contact Crimp/Solder Attachment For RG174, RG316, RG187, RG188
PE4821 PASTERNACK-PE4821 Datasheet
250Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For RG174, RG316, RG187, RG188
PE4801 PASTERNACK-PE4801 Datasheet
203Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG174, RG316, RG187, RG188
PE4825 PASTERNACK-PE4825 Datasheet
202Kb / 2P
D-Sub Plug Right Angle Contact Crimp/Solder Attachment For RG174, RG316, RG187, RG188
PE4829 PASTERNACK-PE4829 Datasheet
263Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG174, RG316, RG187, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com