Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9313 Datasheet(PDF) 13 Page - Agere Systems

Part # L9313
Description  Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9313 Datasheet(HTML) 13 Page - Agere Systems

Back Button L9313 Datasheet HTML 9Page - Agere Systems L9313 Datasheet HTML 10Page - Agere Systems L9313 Datasheet HTML 11Page - Agere Systems L9313 Datasheet HTML 12Page - Agere Systems L9313 Datasheet HTML 13Page - Agere Systems L9313 Datasheet HTML 14Page - Agere Systems L9313 Datasheet HTML 15Page - Agere Systems L9313 Datasheet HTML 16Page - Agere Systems L9313 Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Data Sheet
September 2001
Full-Feature SLIC and Ringing Relay for TR-57 Applications
L9313 Line Interface and Line Access Circuit
Agere Systems Inc.
13
Absolute Maximum Ratings (at TA = 25 °C)
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Note: The IC can be damaged unless all ground connections are applied before, and removed after, all other connections. Furthermore, when
powering the device, the user must guarantee that no external potential creates a voltage on any pin of the device that exceeds the
device ratings. For example, inductance in a supply lead could resonate with the supply filter capacitor to cause a destructive overvolt-
age.
Parameter
Symbol
Min
Max
Unit
5 V dc Supplies (VCC)—
–0.5
7.0
V
High Office Battery Supply (VBAT1)
—–75
0.5
V
Auxiliary Office Battery Supply (VBAT2)
——
VBAT1 to 0.5 V
V
Ringing Voltage
——
110
Vrms
Logic Input Voltage
—–0.5
VCC + 0.5 V
V
Maximum Junction Temperature
——
165
°C
Storage Temperature Range
—–40
125
°C
Relative Humidity Range
—
595
%
Switch 1, 2, 3; Pole to Pole
——
320
V
Switch 4; Pole to Pole
——
465
V
Switch Input to Output
——
320
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com