Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUCL9310GP-D Datasheet(PDF) 21 Page - Agere Systems

Part # LUCL9310GP-D
Description  Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9310GP-D Datasheet(HTML) 21 Page - Agere Systems

Back Button LUCL9310GP-D Datasheet HTML 17Page - Agere Systems LUCL9310GP-D Datasheet HTML 18Page - Agere Systems LUCL9310GP-D Datasheet HTML 19Page - Agere Systems LUCL9310GP-D Datasheet HTML 20Page - Agere Systems LUCL9310GP-D Datasheet HTML 21Page - Agere Systems LUCL9310GP-D Datasheet HTML 22Page - Agere Systems LUCL9310GP-D Datasheet HTML 23Page - Agere Systems LUCL9310GP-D Datasheet HTML 24Page - Agere Systems LUCL9310GP-D Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Data Sheet
July 2001
Full-Feature SLIC, Ringing Relay, and Test Access Device
L9310 Line Interface and Line Access Circuit
Agere Systems Inc.
21
Electrical Characteristics (continued)
Ring Trip Detector
Table 6. Ring Trip Detector
1. The ringing source may be either of the following:
a.) The ringing source consists of the ac and dc voltages added together (battery-backed ringing); the ringing return is ground.
b.) The ringing source consists of only the ac voltage (earth-backed ringing); the ringing return is the dc voltage.
2. NDET must also indicate ring trip when the ac ringing voltage is absent (<5 Vrms) from the ringing source.
3. Pretrip ringing must not be tripped by a 10 k
Ω resistor in parallel with an 8 µF capacitor applied across tip and ring.
PPM
Table 7. PPM
1. PPM signal should be ac coupled into PPMIN.
2. This parameter is not tested in production, it is guaranteed by design and characterization.
Parameter
Min
Typ
Max
Unit
Voltage at Input that will Cause Ring Trip After Appropriate
Zero Crossings
±2.5
±3
±3.5
V
Voltage at Input that will Cause Immediate Ring Trip
±12
±15
±18
V
Ringing Source1:
Frequency (f)
dc Voltage
ac Voltage
19
–39.5
60
20
—
—
28
–57
105
Hz
V
Vrms
Ring Trip (NDET = 0)2, 3:
Loop Resistance
Trip Time
NDET Valid
2000
—
—
—
—
—
—
200
80
Ω
ms
ms
Parameter
Min
Typ
Max
Unit
PPM Source1:
Frequency (f1)
Frequency (f2)
Input Signal
11.88
15.80
—
12
16
—
12.12
16.20
1.0
kHz
kHz
Vrms
Signal Gain (from PPMIN to amplifier outputs)
9
10
11
—
Harmonic Distortion2
——
5
%
Isolation (nontest states)
65
—
—
dB
Isolation (test modes)
50
—
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com